Electronic Components Datasheet Search
  English  ▼

X  

AD7739 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7739
Description  8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7739 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7739 Datasheet HTML 15Page - Analog Devices AD7739 Datasheet HTML 16Page - Analog Devices AD7739 Datasheet HTML 17Page - Analog Devices AD7739 Datasheet HTML 18Page - Analog Devices AD7739 Datasheet HTML 19Page - Analog Devices AD7739 Datasheet HTML 20Page - Analog Devices AD7739 Datasheet HTML 21Page - Analog Devices AD7739 Datasheet HTML 22Page - Analog Devices AD7739 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
AD7739
Rev. 0 | Page 19 of 32
CHANNEL SETUP REGISTERS
8 Bits, Read/Write Registers, Address 0x28–0x2F, Default Value 0x00
These registers are used to configure the selected channel, to configure its input voltage range, and to set up the corresponding channel
status register.
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Mnemonic
BUFOFF
COM1
COM0
Stat OPT
ENABLE
RNG2
RNG1
RNG0
Default
0
0
0
0
0
0
0
0
Bit
Mnemonic
Description
7
BUFOFF
Buffer Off. If reset to 0, then the internal buffer is enabled.
Operation only with the internal buffer enabled is recommended.
6–5
COM1, COM0
Analog inputs configuration:
COM1
COM0
COM1
COM0
Channel
0
0
1
1
0
AIN0–AINCOM
AIN0–AIN1
1
AIN1–AINCOM
AIN2–AIN3
2
AIN2–AINCOM
AIN4–AIN5
3
AIN3–AINCOM
AIN6–AIN7
4
AIN4–AINCOM
AIN0–AIN1
5
AIN5–AINCOM
AIN2–AIN3
6
AIN6–AINCOM
AIN4–AIN5
7
AIN7–AINCOM
AIN6–AIN7
4
Stat OPT
Status Option. When this bit is set to 1, the P0 and P1 bits in the channel status register will reflect the state of
the P0 and P1 pins. When this bit is reset to 0, the RDY bit in the channel status register will reflect the channel
corresponding to the RDY bit in the ADC status register.
3
ENABLE
Channel Enable. Set this bit to 1 to enable the channel in the continuous conversion mode. A single
conversion will take place regardless of this bit’s value.
2–0
RNG2–RNG0
This is the channel input voltage range:
RNG2
RNG1
RNG0
Nominal Input Voltage Range
1
0
0
±2.5 V
1
0
1
+2.5 V
0
0
0
±1.25 V
0
0
1
+1.25 V
0
1
0
±0.625 V
0
1
1
+0.625 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com