Electronic Components Datasheet Search
  English  ▼

X  

THS4541 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS4541
Description  THS4541-Q1 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4541 Datasheet(HTML) 2 Page - Texas Instruments

  THS4541 Datasheet HTML 1Page - Texas Instruments THS4541 Datasheet HTML 2Page - Texas Instruments THS4541 Datasheet HTML 3Page - Texas Instruments THS4541 Datasheet HTML 4Page - Texas Instruments THS4541 Datasheet HTML 5Page - Texas Instruments THS4541 Datasheet HTML 6Page - Texas Instruments THS4541 Datasheet HTML 7Page - Texas Instruments THS4541 Datasheet HTML 8Page - Texas Instruments THS4541 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
2
THS4541-Q1
SLOS930B – NOVEMBER 2015 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: THS4541-Q1
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 4
7.5
Electrical Characteristics: (Vs+) – Vs– = 5 V........... 5
7.6
Electrical Characteristics: (Vs+) – Vs– = 3 V........... 8
7.7
Typical Characteristics ............................................ 11
8
Parameter Measurement Information ................ 21
8.1
Example Characterization Circuits .......................... 21
8.2
Frequency-Response Shape Factors ..................... 23
8.3
I/O Headroom Considerations ................................ 26
8.4
Output DC Error and Drift Calculations and the Effect
of Resistor Imbalances ............................................ 28
8.5
Noise Analysis......................................................... 30
8.6
Factors Influencing Harmonic Distortion ................. 31
8.7
Driving Capacitive Loads ........................................ 32
8.8
Thermal Analysis..................................................... 32
9
Detailed Description ............................................ 33
9.1
Overview ................................................................. 33
9.2
Functional Block Diagram ....................................... 34
9.3
Feature Description................................................. 35
9.4
Device Functional Modes........................................ 36
10
Application and Implementation........................ 44
10.1
Application Information.......................................... 44
10.2
Typical Applications .............................................. 44
11
Power Supply Recommendations ..................... 49
12
Layout................................................................... 49
12.1
Layout Guidelines ................................................. 49
12.2
Layout Example .................................................... 50
13
Device and Documentation Support ................. 51
13.1
Device Support...................................................... 51
13.2
Documentation Support ........................................ 51
13.3
Receiving Notification of Documentation Updates 51
13.4
Support Resources ............................................... 52
13.5
Trademarks ........................................................... 52
13.6
Electrostatic Discharge Caution ............................ 52
13.7
Glossary ................................................................ 52
14
Mechanical, Packaging, and Orderable
Information ........................................................... 52
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (November 2015) to Revision B
Page
•
Changed AEC-Q100 specific Features bullet......................................................................................................................... 1
•
Changed Applications section ............................................................................................................................................... 1
•
Added wettable flanks package (THS4541W-Q1) information to document ......................................................................... 1
Changes from Original (November 2015) to Revision A
Page
•
Changed device status from Product Preview to Production Data ....................................................................................... 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com