Electronic Components Datasheet Search
  English  ▼

X  

THS4541 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # THS4541
Description  THS4541-Q1 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4541 Datasheet(HTML) 5 Page - Texas Instruments

  THS4541 Datasheet HTML 1Page - Texas Instruments THS4541 Datasheet HTML 2Page - Texas Instruments THS4541 Datasheet HTML 3Page - Texas Instruments THS4541 Datasheet HTML 4Page - Texas Instruments THS4541 Datasheet HTML 5Page - Texas Instruments THS4541 Datasheet HTML 6Page - Texas Instruments THS4541 Datasheet HTML 7Page - Texas Instruments THS4541 Datasheet HTML 8Page - Texas Instruments THS4541 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
5
THS4541-Q1
www.ti.com
SLOS930B – NOVEMBER 2015 – REVISED NOVEMBER 2019
Product Folder Links: THS4541-Q1
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
(1)
Test levels (all values set by characterization and simulation): (A) 100% tested at TA ≈ 25°C; over temperature limits by characterization
and simulation. (B) Not tested in production; limits set by characterization and simulation. (C) Typical value only for information.
(2)
This slew rate is the average of the rising and falling time estimated from the large-signal bandwidth as: (VP / √2) · 2π · f–3dB.
7.5
Electrical Characteristics: (Vs+) – Vs– = 5 V
at TA ≈ 25°C, Vocm = open (defaults midsupply), VOUT = 2 VPP, Rf = 402 Ω, Rload = 499 Ω, 50-Ω input match, G = 2 V/V,
single-ended input, differential output, and PD = +Vs (unless otherwise noted); see Figure 61 for an AC-coupled gain of a 2-
V/V test circuit, and Figure 63 for a DC-coupled gain of a 2-V/V test circuit
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL(1)
AC PERFORMANCE
Small-signal bandwidth
Vout = 100 mVPP, G = 1
620
MHz
C
Vout = 100 mVPP, G = 2 (see Figure 61)
500
C
Vout = 100 mVPP, G = 5
210
C
Vout = 100 mVPP, G = 10
125
C
Gain-bandwidth product
Vout = 100 mVPP, G = 20
850
MHz
C
Large-signal bandwidth
Vout = 2 VPP, G = 2 (see Figure 61)
340
MHz
C
Bandwidth for 0.1-dB flatness
Vout = 2 VPP, G = 2 (see Figure 61)
100
MHz
C
Slew rate(2)
Vout = 2-VPP, FPBW (see Figure 61)
1500
V/µs
C
Rise/fall time
Vout = 2-V step, G = 2 input
≤ 0.3 ns tr
(see Figure 63)
1.4
ns
C
Settling time
To 1%, Vout = 2-V step, tr = 2 ns, G = 2
(seeFigure 63)
4
ns
C
To 0.1%,Vout = 2-V step, tr = 2 ns, G = 2 (see
Figure 63)
8
C
Overshoot and undershoot
Vout = 2-V step G = 2, input
≤ 0.3 ns tr
(see Figure 63)
10%
C
100-kHz harmonic distortion
Vout = 2 VPP, G = 2, HD2 (see Figure 61)
–140
dBc
C
Vout = 2 VPP, G = 2, HD3 (see Figure 61)
–140
C
10-MHz harmonic distortion
Vout = 2 VPP, G = 2, HD2 (see Figure 61)
–95
dBc
C
Vout = 2 VPP, G = 2, HD3 (see Figure 61)
–90
C
2nd-order intermodulation
distortion
f = 10 MHz, 100-kHz tone spacing,
Vout envelope = 2 VPP (1 VPP per tone)
(see Figure 61)
–90
dBc
C
3rd-order intermodulation
distortion
f = 10 MHz, 100-kHz tone spacing,
Vout envelope = 2 VPP (1 VPP per tone)
(see Figure 61)
–85
dBc
C
Input voltage noise
f > 100 kHz
2.2
nV/
√Hz
C
Input current noise
f > 1 MHz
1.9
pA/
√Hz
C
Overdrive recovery time
2x output overdrive, either polarity
20
ns
C
Closed-loop output impedance
f = 10 MHz (differential)
0.1
Ω
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com