Electronic Components Datasheet Search
  English  ▼

X  

THS4541 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # THS4541
Description  THS4541-Q1 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4541 Datasheet(HTML) 46 Page - Texas Instruments

Back Button THS4541 Datasheet HTML 42Page - Texas Instruments THS4541 Datasheet HTML 43Page - Texas Instruments THS4541 Datasheet HTML 44Page - Texas Instruments THS4541 Datasheet HTML 45Page - Texas Instruments THS4541 Datasheet HTML 46Page - Texas Instruments THS4541 Datasheet HTML 47Page - Texas Instruments THS4541 Datasheet HTML 48Page - Texas Instruments THS4541 Datasheet HTML 49Page - Texas Instruments THS4541 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
Frequency (Hz)
-32
-29
-26
-23
-20
-17
-14
-11
1M
10M
100M
1G
D064
Bench without caps
Bench with caps
Sim without caps
Sim with caps
Rf1
402
Rg1
4.02 k
Rg2
4.02 k
THS4541 Wideband,
Fully-Differential Amplifier
Rf2
402
Gain of 0.1 V/V from Rg1,
Single-Ended to Differential,
DC-Coupled, Single Supply
R1
500
+
±
+
±
+
±
+
±
Vcc
Vcm
Vcc
5 V
Vcm
2.5 V
VM1
VG1
C3
1 pF
C1
1.7 pF
C2
1.7 pF
+
±
Vcc
+
±
Vocm
Vcc
FDA
PD
46
THS4541-Q1
SLOS930B – NOVEMBER 2015 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: THS4541-Q1
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Typical Applications (continued)
Figure 78. Compensated Attenuator Circuit Using the THS4541-Q1
The 1 pF across the inputs is really a total 1.85 pF, including the internal differential capacitance, and a Cs =
3.7 pF for a single-ended design from Equation 17.
These two designs (with and without the capacitors) were both bench tested and simulated using the THS4541
TINA model giving the results of Figure 79.
This method does a good job of flattening the response for what starts out as a low phase-margin attenuator
application. The simulation model does a very good job of predicting the peaking and showing the same
improvement with the external capacitors; both giving a flat, approximately 250-MHz, closed-loop bandwidth for
this gain of a 0.1-V/V design. In this example, the output noise begins to peak up (as a result of the noise-gain
shaping of the capacitors) above 70 MHz. Use postfiltering to minimize any increase in the integrated noise using
this technique. Using this solution to deliver an 8-VPP differential output to a successive approximation register
(SAR) ADC (using the 2.5-V Vocm shown), the circuit accepts up to ±40-V inputs, where the 4-kΩ input Rg1
draws ±10 mA from the source.
10.2.1.3 Application Curve
Figure 79. Attenuator Response Shapes with and without External Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com