Electronic Components Datasheet Search
  English  ▼

X  

THS4541 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS4541
Description  THS4541-Q1 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4541 Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS4541 Datasheet HTML 2Page - Texas Instruments THS4541 Datasheet HTML 3Page - Texas Instruments THS4541 Datasheet HTML 4Page - Texas Instruments THS4541 Datasheet HTML 5Page - Texas Instruments THS4541 Datasheet HTML 6Page - Texas Instruments THS4541 Datasheet HTML 7Page - Texas Instruments THS4541 Datasheet HTML 8Page - Texas Instruments THS4541 Datasheet HTML 9Page - Texas Instruments THS4541 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
6
THS4541-Q1
SLOS930B – NOVEMBER 2015 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: THS4541-Q1
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Electrical Characteristics: (Vs+) – Vs– = 5 V (continued)
at TA ≈ 25°C, Vocm = open (defaults midsupply), VOUT = 2 VPP, Rf = 402 Ω, Rload = 499 Ω, 50-Ω input match, G = 2 V/V,
single-ended input, differential output, and PD = +Vs (unless otherwise noted); see Figure 61 for an AC-coupled gain of a 2-
V/V test circuit, and Figure 63 for a DC-coupled gain of a 2-V/V test circuit
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL(1)
(3)
Input offset voltage drift, input bias current drift, input offset current drift, and Vocm drift are average values calculated by taking data at
the at the maximum-range ambient-temperature end points, computing the difference, and dividing by the temperature range. Maximum
drift set by distribution of a large sampling of devices. Drift is not specified by test or QA sample test.
DC PERFORMANCE
AOL
Open-loop voltage gain
100
119
dB
A
Input-referred offset voltage
TA = 25°C
–450
±100
450
µV
A
TA = 0°C to 70°C
–600
±100
600
B
TA = –40°C to +85°C
–700
±100
700
B
TA = –40°C to +125°C
–850
±100
850
B
Input offset voltage drift(3)
TA = –40°C to +125°C
–2.4
±0.5
2.4
µV/°C
B
Input bias current
(positive out of node)
TA = 25°C
4.3
10
13
µA
A
TA = 0°C to 70°C
4.3
11
13.5
B
TA = –40°C to +85°C
4.3
12
14
B
TA = –40°C to +125°C
4.3
12
14.5
B
Input bias current drift(3)
TA = –40°C to +125°C
6
15
nA/°C
B
Input offset current
TA = 25°C
–500
±150
500
nA
A
TA = 0°C to 70°C
–550
±150
550
B
TA = –40°C to +85°C
–580
±150
580
B
TA = –40°C to +125°C
–620
±150
620
B
Input offset current drift(3)
TA = –40°C to +125°C
–1.3
±0.3
1.3
nA/°C
B
INPUT
Common-mode input low
< 3-dB degradation in
CMRR from midsupply
TA = 25°C
(Vs–) –
0.2
(Vs–) –
0.1
V
A
TA = –40°C to +125°C
(Vs–) –
0.1
Vs–
B
Common-mode input high
< 3-dB degradation in
CMRR from midsupply
TA = 25°C
(Vs+) –
1.3
(Vs+) –1.2
V
A
TA = –40°C to +125°C
(Vs+) –
1.3
B
Common-mode rejection ratio
Input pins at ((Vs+) – Vs–) / 2
85
100
dB
A
Input impedance differential
mode
Input pins at ((Vs+) – Vs–) / 2
110 || 0.85
kΩ || pF
C
OUTPUT
Output voltage low
TA = 25°C
(Vs–) +
0.2
(Vs–) +
0.25
V
A
TA = –40°C to +125°C
(Vs–) +
0.2
(Vs–) +
0.25
B
Output voltage high
TA = 25°C
(Vs+) –
0.25
(Vs+) –
0.2
V
A
TA = –40°C to +125°C
(Vs+) –
0.25
(Vs+) –
0.2
B
Output current drive
TA = 25°C
±75
±100
mA
A
TA = –40°C to +125°C
±75
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com