Electronic Components Datasheet Search
  English  ▼

X  

THS4541 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # THS4541
Description  THS4541-Q1 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4541 Datasheet(HTML) 49 Page - Texas Instruments

Back Button THS4541 Datasheet HTML 45Page - Texas Instruments THS4541 Datasheet HTML 46Page - Texas Instruments THS4541 Datasheet HTML 47Page - Texas Instruments THS4541 Datasheet HTML 48Page - Texas Instruments THS4541 Datasheet HTML 49Page - Texas Instruments THS4541 Datasheet HTML 50Page - Texas Instruments THS4541 Datasheet HTML 51Page - Texas Instruments THS4541 Datasheet HTML 52Page - Texas Instruments THS4541 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
49
THS4541-Q1
www.ti.com
SLOS930B – NOVEMBER 2015 – REVISED NOVEMBER 2019
Product Folder Links: THS4541-Q1
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
11 Power Supply Recommendations
The THS4541-Q1 is principally intended to operate with a nominal single-supply voltage of +3 V to +5 V. Supply-
voltage tolerances are supported with the specified operating range of 2.7 V (10% low on a 3-V nominal supply)
and 5.4 V (8% high on a 5-V nominal supply). Supply decoupling is required, as described in the Terminology
and Application Assumptions section. Split (or bipolar) supplies can be used with the THS4541-Q1, as long as
the total value across the device remains less than 5.5 V (absolute maximum). The thermal pad on the package
is electrically isolated; connect the thermal pad to any power or ground plane for heat spreading.
Using a negative supply to deliver a true swing to ground output in driving SAR ADCs may be desired. While the
THS4541-Q1 quotes a rail-to-rail output, linear operation requires approximately a 200-mV headroom to the
supply rails. One easy option for extending the linear output swing to ground is to provide the small negative
supply voltage required using the LM7705 fixed –230-mV, negative-supply generator. This low-cost, fixed
negative-supply generator accepts the 3-V to 5-V positive supply input used by the THS4541-Q1 and provides a
–230-mV supply for the negative rail. Using the LM7705 provides an effective solution, as described in the
Extending Rail-to-Rail Output Range for Fully Differential Amplifiers to Include True Zero Volts reference guide.
12 Layout
12.1 Layout Guidelines
Similar to all high-speed devices, best system performance is achieved with a close attention to board layout.
The THS4541-Q1 evaluation module (EVM) shows a good example of high frequency layout techniques as a
reference. This EVM includes numerous extra elements and features for characterization purposes that may not
apply to some applications. General high-speed, signal-path layout suggestions include:
•
Continuous ground planes are preferred for signal routing with matched impedance traces for longer runs;
however, open up both ground and power planes around the capacitive sensitive input and output device
pins. After the signal is sent into a resistor, parasitic capacitance becomes more of a bandlimiting issue and
less of a stability issue.
•
Use good, high-frequency decoupling capacitors (0.1 µF) on the ground plane at the device power pins.
Higher value capacitors (2.2 µF) are required, but may be placed further from the device power pins and
shared among devices. For best high-frequency decoupling, consider X2Y supply-decoupling capacitors that
offer a much higher self-resonance frequency over standard capacitors.
•
When using differential signal routing over any appreciable distance, use microstrip layout techniques with
matched impedance traces.
•
Higher-speed FDAs, such as the THS4541-Q1, include a duplicate of the output pins on the input feedback
side of the package. This duplication is intended to allow the external feedback resistors to be connected with
virtually no trace length on the input side of the package. Use this layout approach with no extra trace length
on this critical feedback path.
•
The input summing junctions are very sensitive to parasitic capacitance. Connect any Rg elements into the
summing junction with minimal trace length to the device pin side of the resistor. The other side of the Rg
elements can have more trace length if needed to the source or to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com