Electronic Components Datasheet Search
  English  ▼

X  

THS4541 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # THS4541
Description  THS4541-Q1 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4541 Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS4541 Datasheet HTML 3Page - Texas Instruments THS4541 Datasheet HTML 4Page - Texas Instruments THS4541 Datasheet HTML 5Page - Texas Instruments THS4541 Datasheet HTML 6Page - Texas Instruments THS4541 Datasheet HTML 7Page - Texas Instruments THS4541 Datasheet HTML 8Page - Texas Instruments THS4541 Datasheet HTML 9Page - Texas Instruments THS4541 Datasheet HTML 10Page - Texas Instruments THS4541 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
7
THS4541-Q1
www.ti.com
SLOS930B – NOVEMBER 2015 – REVISED NOVEMBER 2019
Product Folder Links: THS4541-Q1
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Electrical Characteristics: (Vs+) – Vs– = 5 V (continued)
at TA ≈ 25°C, Vocm = open (defaults midsupply), VOUT = 2 VPP, Rf = 402 Ω, Rload = 499 Ω, 50-Ω input match, G = 2 V/V,
single-ended input, differential output, and PD = +Vs (unless otherwise noted); see Figure 61 for an AC-coupled gain of a 2-
V/V test circuit, and Figure 63 for a DC-coupled gain of a 2-V/V test circuit
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL(1)
(4)
Specifications are from the input Vocm pin to the differential output average voltage.
POWER SUPPLY
Specified operating voltage
2.7
5
5.4
V
B
Quiescent operating current
TA = 25°C, Vs+ = 5 V
9.7
10.1
10.5
mA
A
TA = –40°C to +125°C
9.4
10.1
11
B
±PSR
R
Power-supply rejection ratio
Either supply pin to differential Vout
85
100
dB
A
POWER DOWN
Enable voltage threshold
(Vs–) +
1.7
V
A
Disable voltage threshold
(Vs–) +
0.7
V
A
Disable pin bias current
PD = Vs–
→ Vs+
20
50
nA
B
Power-down quiescent current
PD = (Vs–) + 0.7 V
6
30
µA
A
PD = Vs–
2
8
A
Turn-on time delay
Time from PD = low to Vout = 90% of final value
100
ns
C
Turn-off time delay
Time from PD = low to Vout = 10% of final value
60
ns
C
OUTPUT COMMON-MODE VOLTAGE CONTROL(4)
Small-signal bandwidth
Vocm = 100 mVPP
150
MHz
C
Slew rate(2)
Vocm = 2-V step
400
V/µs
C
Gain
0.975
0.982
0.995
V/V
A
Input bias current
Considered positive out of node
–0.7
0.1
0.7
µA
A
Input impedance
Vocm input driven to ((Vs+) – Vs–) / 2
47 || 1.2
kΩ || pF
C
Default voltage offset from
((Vs+) – Vs–) / 2
Vocm pin open
–40
±8
40
mV
A
CM
Vos
Common-mode offset voltage
Vocm input driven to
((Vs+) – Vs–) / 2
TA = 25°C
–5
±2
5
mV
A
TA = 0°C to 70°C
–6
±2
5.8
B
TA = –40°C to +85°C
–6.2
±2
6.2
B
TA = –40°C to +125°C
–7
±2
7.08
B
Common-mode offset voltage
drift(3)
Vocm input driven to ((Vs+) – Vs–) / 2
–20
±4
+20
µV/°C
B
Common-mode loop supply
headroom to negative supply
< ±12-mV shift from
midsupply CM Vos
TA = 25°C
0.88
V
A
TA = 0°C to 70°C
0.91
B
TA = –40°C to +85°C
0.94
B
TA = –40°C to +125°C
0.94
B
Common-mode loop supply
headroom to positive supply
< ±12-mV shift from
midsupply CM Vos
TA = 25°C
1.1
V
A
TA = 0°C to 70°C
1.15
B
TA = –40°C to +85°C
1.2
B
TA = –40°C to +125°C
1.2
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com