Electronic Components Datasheet Search
  English  ▼

X  

THS4541 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # THS4541
Description  THS4541-Q1 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4541 Datasheet(HTML) 32 Page - Texas Instruments

Back Button THS4541 Datasheet HTML 28Page - Texas Instruments THS4541 Datasheet HTML 29Page - Texas Instruments THS4541 Datasheet HTML 30Page - Texas Instruments THS4541 Datasheet HTML 31Page - Texas Instruments THS4541 Datasheet HTML 32Page - Texas Instruments THS4541 Datasheet HTML 33Page - Texas Instruments THS4541 Datasheet HTML 34Page - Texas Instruments THS4541 Datasheet HTML 35Page - Texas Instruments THS4541 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
Rf1
402
Rload
500
Rg1
191
Rg2
191
Rt
60.2
Output
Measurement
Point
THS4541 Wideband,
Fully-Differential Amplifier
50-
Input Match,
Gain of 2 V/V from Rt,
Single-Ended Source to
Differential Output
Vocm
Rf2
402
+
±
Vcc
+
±
Vocm
Vcc
FDA
PD
Ro1
17
Ro2
17
Cload
22 pF
50-
Source
32
THS4541-Q1
SLOS930B – NOVEMBER 2015 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: THS4541-Q1
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
8.7 Driving Capacitive Loads
A very common requirement is driving the capacitive load of an ADC or some other next stage device. Directly
driving a capacitive load with a closed-loop amplifier such as the THS4541-Q1 can lead to an unstable response,
as shown in the step response plots into a capacitive load (see Figure 8 and Figure 26). One typical remedy for
this instability is to add two small series resistors (Ro in Figure 71) at the outputs of the THS4541-Q1. Figure 6
and Figure 24 provide parametric plots of recommended Ro values versus differential capacitive load values and
gain.
Figure 71. Including Ro when Driving Capacitive Loads
Operating at higher gains requires lower Ro values to achieve a ±0.5-dB flat response for the same capacitive
load. Some direct parasitic loading is acceptable with no series Ro that increases with gain setting, as illustrated
in Figure 6 and Figure 24 where the Ro value is 0 Ω. Even when these plots suggest no series Ro is required,
good practice is to include a place for the Ro elements in the board layout (0-Ω load initially) for later adjustment,
in case the response appears unacceptable. The TINA simulation model does a good job of predicting this effect
and showing the impact for different choices of capacitive load isolating resistors (Ro).
8.8 Thermal Analysis
The relatively low internal quiescent power dissipation for the THS4541-Q1, combined with the excellent thermal
impedance of the 16-pin VQFN (RGT) package, limits the possibility of excessively-high, internal-junction
temperatures.
To estimate the internal junction temperature (TJ), an estimate of the maximum internal power dissipation (PD) is
first required. There are two pieces to the internal power dissipation: quiescent current power and the power
used in the output stage to deliver load current. To simplify the latter, the worst-case, output-stage power is
driving a DC differential voltage across a load using half the total supply voltage. As an example:
1. Assume a worst-case, 5% high 5-V supply. This 5.25-V supply with a maximum ICC of 11 mA gives a
quiescent power term = 58 mW.
2. Assume a 100-Ω differential load with a static 2.5-V differential voltage established across it. This 25 mA of
DC load current generates a maximum output stage power of (5.25 V – 2.5 V) × 25 mA = 69 mW.
3. From this total worst-case internal PD = 127 mW, multiply times the 52°C/W thermal impedance to get a 7°C
rise from ambient.
Even for this extreme condition and the maximum rated ambient temperature of 125°C, the junction temperature
is a maximum 132°C (less than the rated absolute maximum of 150°C). Follow this same calculation sequence
for the exact application and package selected to predict the maximum TJ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com