Electronic Components Datasheet Search
  English  ▼

X  

THS4541 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # THS4541
Description  THS4541-Q1 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4541 Datasheet(HTML) 34 Page - Texas Instruments

Back Button THS4541 Datasheet HTML 30Page - Texas Instruments THS4541 Datasheet HTML 31Page - Texas Instruments THS4541 Datasheet HTML 32Page - Texas Instruments THS4541 Datasheet HTML 33Page - Texas Instruments THS4541 Datasheet HTML 34Page - Texas Instruments THS4541 Datasheet HTML 35Page - Texas Instruments THS4541 Datasheet HTML 36Page - Texas Instruments THS4541 Datasheet HTML 37Page - Texas Instruments THS4541 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
Vs+
IN±
+
±
High-Aol
Differential I/O
Amplifier
IN+
FB+
100 k
2.5 k
2.5 k
OUT+
OUT±
+
±
FB±
+
±
Vcm
Error
Amplifier
Vocm
Vs+
100 k
PD
CMOS
Buffer
Vs±
(RGT Package)
(RGT Package)
34
THS4541-Q1
SLOS930B – NOVEMBER 2015 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: THS4541-Q1
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Overview (continued)
the device and may be shared among several devices in the same area of the PCB.
•
Although not always stated, make sure to tie the power disable pin to the positive supply when only an
enabled channel is desired.
•
Virtually all AC characterization equipment expects a 50-Ω termination from the 50-Ω source, and a 50-Ω
single-ended source impedance from the device outputs to the 50-Ω sensing termination. This termination is
achieved in all characterizations (often with some insertion loss), but is not necessary for most applications.
Matching impedance is most often required when transmitting over longer distances. Tight layouts from a
source, through the THS4541-Q1, and on to an ADC input do not require doubly-terminated lines or filter
designs; the exception is if the source requires a defined termination impedance for correct operation (for
example, a SAW filter source).
•
The amplifier signal path is flexible for single or split-supply operation. Most applications are intended to be
single supply, but any split-supply design can be used, as long as the total supply across the TH4541 is less
than 5.5 V and the required input, output, and common-mode pin headrooms to each supply are observed.
Left open, the Vocm pin defaults to near midsupply for any combination of split or single supplies used. The
disable pin is negative-rail referenced. Using a negative supply requires the disable pin to be pulled down to
within 0.7 V of the negative supply to disable the amplifier.
•
External element values are normally assumed to be accurate and matched. In an FDA, match the feedback
resistor values and also match the (DC and AC) impedance from the summing junctions to the source on one
side and the reference or ground on the other side. Unbalancing these values introduces nonidealities in the
signal path. For the signal path, imbalanced resistor ratios on the two sides create a common-mode to
differential conversion. Also, mismatched Rf values and feedback ratios create some added differential output
error terms from any common-mode DC, ac signal, or noise terms. Snapping to standard 1% resistor values
is a typical approach and generally leads to some nominal feedback ratio mismatch. Mismatched resistors or
ratios do not in themselves degrade harmonic distortion. If there is meaningful CM noise or distortion coming
in, those errors are converted to a differential error through element or ratio mismatch.
9.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com