Electronic Components Datasheet Search
  English  ▼

X  

THS4541 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS4541
Description  THS4541-Q1 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4541 Datasheet(HTML) 1 Page - Texas Instruments

  THS4541 Datasheet HTML 1Page - Texas Instruments THS4541 Datasheet HTML 2Page - Texas Instruments THS4541 Datasheet HTML 3Page - Texas Instruments THS4541 Datasheet HTML 4Page - Texas Instruments THS4541 Datasheet HTML 5Page - Texas Instruments THS4541 Datasheet HTML 6Page - Texas Instruments THS4541 Datasheet HTML 7Page - Texas Instruments THS4541 Datasheet HTML 8Page - Texas Instruments THS4541 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
Frequency (MHz)
0.1
1
10
50
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
D013
HD2
HD3
C2
100 nF
Rf1
402
Rload
500
Rg1
191
C1
100 nF
Rg2
221
Rt
60.2
Output
Measurement
Point
THS4541 Wideband,
Fully-Differential Amplifier
50-
Input Match,
Gain of 2 V/V from Rt,
Single-Ended Source to
Differential Output
Vocm
Rf2
402
50-
Source
+
±
Vcc
+
±
Vocm
Vcc
FDA
PD
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
THS4541-Q1
SLOS930B – NOVEMBER 2015 – REVISED NOVEMBER 2019
THS4541-Q1 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz
Fully Differential Amplifier
1
1 Features
1
•
AEC-Q100 qualified for automotive applications:
–
Temperature grade 1: –40°C to +125°C, TA
•
Bandwidth: 500 MHz (G = 2 V/V)
•
Gain bandwidth product: 850 MHz
•
Slew rate: 1500 V/µs
•
HD2: –95 dBc at 10 MHz (2 VPP, RL = 500 Ω)
•
HD3: –90 dBc at 10 MHz (2 VPP, RL = 500 Ω)
•
Input voltage noise: 2.2 nV/Hz (f > 100 kHz)
•
Low offset drift: ±0.5 µV/°C (typ)
•
Negative rail input (NRI)
•
Rail-to-rail output (RRO)
•
Power supply:
–
Single-supply voltage range: 2.7 V to 5.4 V
–
Split-supply voltage range: ±1.35 V to ±2.7 V
–
Quiescent current: 10.1 mA (5-V supply)
•
Power-down capability: 2 µA (typ)
2 Applications
•
Mechanically scanning LIDAR
•
Solid state LIDAR
•
Thermal imaging cameras
•
Microbolometer cameras
•
Time-of-flight (ToF) cameras
3 Description
The THS4541-Q1 is a low-power, voltage-feedback,
fully
differential
amplifier
(FDA)
with
an
input
common-mode range below the negative rail, and
rail-to-rail
output.
Designed
for
low-power
data
acquisition systems where high density is critical in a
high-performance analog-to-digital converter (ADC) or
digital-to-analog converter (DAC) interface design.
The THS4541-Q1 features the negative-rail input
required when interfacing a DC-coupled, ground-
centered, source signal. This negative-rail input, with
rail-to-rail output, allows for easy interface between
single-ended,
ground-referenced,
bipolar
signal
sources
and
a
wide
variety
of
successive
approximation register (SAR), delta-sigma (ΔΣ), or
pipeline ADCs using only a single 2.7-V to 5.4-V
power supply.
The THS4541-Q1 is characterized for operation over
the wide temperature range of –40°C to +125°C and
is available in a 16-pin VQFN package both with and
without wettable flanks. The package with wettable
flanks eases post-assembly visual inspection and is
available as the THS4541W-Q1.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
THS4541-Q1
VQFN (16)
3.00 mm × 3.00 mm
THS4541W-Q1(2)
VQFN (16)
3.00 mm × 3.00 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
(2) Wettable flanks package option.
Simplified Schematic
Single to Differential Gain of 2, 2-VPP Output


Similar Part No. - THS4541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4541 TI1-THS4541 Datasheet
2Mb / 62P
Fully Differential Amplifier
THS4541 TI1-THS4541 Datasheet
2Mb / 61P
THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
THS4541 TI-THS4541 Datasheet
3Mb / 51P
THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
THS4541 TI2-THS4541 Datasheet
2Mb / 66P
THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
REVISED FEBRUARY 2024
THS4541 TI2-THS4541 Datasheet
2Mb / 71P
THS452x Very Low Power, Negative Rail Input, Rail-To-Rail Output, Fully Differential Amplifier
REVISED JUNE 2015
More results

Similar Description - THS4541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4521 TI-THS4521 Datasheet
1Mb / 43P
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521_10 Datasheet
1Mb / 48P
VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4521 TI-THS4521_10 Datasheet
1Mb / 48P
VERY LOW POWER,NEGATIVE RAIL INPUT,RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
THS4541 TI-THS4541_15 Datasheet
2Mb / 61P
THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
THS4541 TI1-THS4541_16 Datasheet
2Mb / 61P
THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
LMH5485-SP TI-LMH5485-SP Datasheet
1Mb / 32P
LMH5485-SP Radiation Hardened Assured (RHA) Negative Rail Input, Rail-to-Rail Output, Precision, 850 MHz Fully Differential Amplifier
DECEMBER 2021
THS4541-DIE TI-THS4541-DIE Datasheet
1Mb / 25P
THS4541-DIE Negative Rail Input, Rail-to-Rail Output, Precision, 850-MHz Fully Differential Amplifier
NOVEMBER 2021
LMH5485-SEP TI-LMH5485-SEP Datasheet
1Mb / 35P
LMH5485-SEP Radiation Tolerant Negative Rail Input, Rail-to-Rail Output, Precision, 850 MHz Fully Differential Amplifier
DECEMBER 2021
LMH5485-SP TI-LMH5485-SP_V01 Datasheet
1Mb / 33P
LMH5485-SP Radiation Hardened Assured (RHA) Negative Rail Input, Rail-to-Rail Output, Precision, 850 MHz Fully Differential Amplifier
DECEMBER 2021
LMH5485-SEP TI1-LMH5485-SEP_V01 Datasheet
1Mb / 31P
LMH5485-SEP Radiation Tolerant, Negative Rail Input, Rail-to-Rail Output, Precision, 850 MHz Fully Differential Amplifier
REVISED NOVEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com