Electronic Components Datasheet Search
  English  ▼

X  

CS5461A Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS5461A
Description  Single Phase, Bi-directional Power/Energy IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461A Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS5461A Datasheet HTML 3Page - Cirrus Logic CS5461A Datasheet HTML 4Page - Cirrus Logic CS5461A Datasheet HTML 5Page - Cirrus Logic CS5461A Datasheet HTML 6Page - Cirrus Logic CS5461A Datasheet HTML 7Page - Cirrus Logic CS5461A Datasheet HTML 8Page - Cirrus Logic CS5461A Datasheet HTML 9Page - Cirrus Logic CS5461A Datasheet HTML 10Page - Cirrus Logic CS5461A Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
CS5461A
DS661F1
7
3. CHARACTERISTICS & SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
ANALOG CHARACTERISTICS
•
Min / Max characteristics and specifications are guaranteed over all Recommended Operating Conditions.
•
Typical characteristics and specifications are measured at nominal supply voltages and TA = 25 °C.
•
VA+ = VD+ = 5 V ±5%; AGND = DGND = 0 V; VREFIN = +2.5 V. All voltages with respect to 0 V.
•
MCLK = 4.096 MHz.
Parameter
Symbol
Min
Typ
Max
Unit
Positive Digital Power Supply
VD+
3.135
5.0
5.25
V
Positive Analog Power Supply
VA+
4.75
5.0
5.25
V
Voltage Reference
VREFIN
-
2.5
-
V
Specified Temperature Range
TA
-40
-
+85
°C
Parameter
Symbol
Min
Typ
Max
Unit
Linearity Performance
Active Power Accuracy
All Gain Ranges
(Note 1)
Input Range 0.1% - 100%
PActive
-±0.1
-
%
Current RMS Accuracy
All Gain Ranges
(Note 1)
Input Range 1.0% - 100%
Input Range 0.3% - 1.0%
Input Range 0.1% - 0.3%
IRMS
-
-
-
±0.1
±0.2
±3.0
-
-
-
%
%
%
%
Voltage RMS Accuracy
All Gain Ranges
(Note 1)
Input Range 5% - 100%
VRMS
-±0.1
-
%
Analog Inputs (Both Channels)
Common Mode Rejection
(DC, 50, 60 Hz)
CMRR
80
-
-
dB
Common Mode + Signal
All Gain Ranges
-0.25
-
VA+
V
Analog Inputs (Current Channel)
Differential Input Range
(Gain = 10)
[(IIN+) - (IIN-)]
(Gain = 50)
IIN
-
-
500
100
-
-
mVP-P
mVP-P
Total Harmonic Distortion
(Gain = 50)
THD
80
94
-
dB
Crosstalk with Voltage Channel at Full Scale
(50, 60 Hz)
-
-115
-
dB
Input Capacitance
(Gain = 10)
(Gain = 50)
IC
-
-
32
52
-
-
pF
pF
Effective Input Impedance
EII
30
-
-
k
Ω
Noise (Referred to Input)
(Gain = 10)
(Gain = 50)
NI
-
-
-
-
22.5
4.5
µVrms
µVrms
Offset Drift (Without the high-pass filter)
OD
-
4.0
-
µV/°C
Gain Error
(Note 2)
GE
-
±0.4
%
Analog Inputs (Voltage Channel)
Differential Input Range
{(VIN+) - (VIN-)}
VIN
-
500
-
mVP-P
Total Harmonic Distortion
THD
65
75
-
dB
Crosstalk with Current Channel at Full Scale
(50, 60 Hz)
-
-70
-
dB
Input Capacitance
All Gain Ranges
IC
-
0.2
-
pF
Effective Input Impedance
EII
2
-
-
M
Ω
Noise (Referred to Input)
NV
--
140
µVrms
Offset Drift (Without the high-pass Filter)
OD
-
16.0
-
µV/°C
Gain Error
(Note 2)
GE
-
±3.0
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com