Electronic Components Datasheet Search
  English  ▼

X  

CS5461A Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS5461A
Description  Single Phase, Bi-directional Power/Energy IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461A Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS5461A Datasheet HTML 15Page - Cirrus Logic CS5461A Datasheet HTML 16Page - Cirrus Logic CS5461A Datasheet HTML 17Page - Cirrus Logic CS5461A Datasheet HTML 18Page - Cirrus Logic CS5461A Datasheet HTML 19Page - Cirrus Logic CS5461A Datasheet HTML 20Page - Cirrus Logic CS5461A Datasheet HTML 21Page - Cirrus Logic CS5461A Datasheet HTML 22Page - Cirrus Logic CS5461A Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
CS5461A
DS661F1
19
neous voltage and current registers, a 250 mV, DC-lev-
el signal is applied to the channel inputs.
As in example #1, the voltage and current channel gains
are 10x, and the voltage level at the channel inputs will
be 150 mV rms when the levels on the power lines are
250 V rms and 20 A rms. In order to achieve
500 pulse-per-kW Hr
per
unit-energy,
the
PulseRateE1,2 Register setting is determined using the
following equation:
Therefor, the PulseRateE1,2 Register is approximately
1.929 Hz. The PulseRateE1,2 Register cannot be set to
a frequency of exactly 1.929 Hz. The closest setting is
0x00003E = 1.9375 Hz.
To improve the accuracy, either gain register can be
programmed to correct for the round-off error. This val-
ue would be calculated as
If (MCLK/K) is not equal to 4.096 MHz, the
PulseRateE1,2 Register must be scaled by a correction
factor of:
Therefore if (MCLK/K) = 3.05856 MHz the value of
PulseRateE1,2 Register is
5.5 Voltage Sag-detect Feature
Status bit VSAG in the Status Register, indicates a volt-
age sag occurred in the power line voltage. For a volt-
age sag condition to be identified, the absolute value of
the instantaneous voltage must be less than the voltage
sag level for more than half of the voltage sag duration
(see Figure 7).
To activate Voltage Sag detect, a voltage sag level must
be specified in the Voltage Sag Level Register
(VSAGLevel), and a voltage sag duration must be spec-
ified in the Voltage Sag Duration Register
(VSAGDuration). The voltage sag level is specified as the
average of the absolute instantaneous voltage. Voltage
sag duration is specified in terms of ADC cycles.
5.6 On-chip Temperature Sensor
The on-chip temperature sensor is designed to assist in
characterizing the measurement element over a desired
temperature range. Once a temperature characteriza-
tion is performed, the temperature sensor can then be
utilized to assist in compensating for temperature drift.
Temperature measurements are performed during con-
tinuous conversions and stored in the Temperature
Register. The Temperature Register (T) default is Cel-
sius scale (oC). The Temperature Gain Register (Tgain)
and Temperature Offset Register (Toff) are constant val-
ues allowing for temperature scale conversions.
The temperature update rate is a function of the number
of ADC samples. With MCLK = 4.096 MHz and K = 1
the update rate is:
The Cycle Count Register (N) must be set to a value
greater than one. Status bit TUP in the Status Register,
indicates when the Temperature Register is updated.
The Temperature Offset Register sets the zero-degree
measurement. To improve temperature measurement
accuracy, the zero-degree offset should be adjusted af-
ter the CS5461A is initialized. Temperature offset cali-
bration is achieved by adjusting the Temperature Offset
Register (Toff) by the differential temperature (∆T) mea-
sured from a calibrated digital thermometer and the
CS5461A temperature sensor. A one-degree adjust-
ment to the Temperature Register (T) is achieved by
PulseRateE12
,
500pulses
kWHr
------------------------------
1Hr
3600s
----------------
×
1kW
1000W
-------------------
250mV
150mV
250V
-------------------
⎝⎠
⎛⎞
-------------------------
×
×
250mV
150mV
20A
-------------------
⎝⎠
⎛⎞
-------------------------
×
=
Vgn or Ign
PulseRateE
1.929
-----------------------------------
1.00441
≅
0x404830
==
4.096MHz
(MCLK/K)
----------------------------
PulseRateE12
,
×
PulseRateE12
,
4.096
3.05856
---------------------
1.929Hz
×
2.583Hz
≅
=
Level
Duration
Figure 7. Voltage Sag Detect
2240 samples
(MCLK/K)/1024
-----------------------------------------
0.56 sec
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com