Electronic Components Datasheet Search
  English  ▼

X  

CS5461A Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS5461A
Description  Single Phase, Bi-directional Power/Energy IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461A Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS5461A Datasheet HTML 14Page - Cirrus Logic CS5461A Datasheet HTML 15Page - Cirrus Logic CS5461A Datasheet HTML 16Page - Cirrus Logic CS5461A Datasheet HTML 17Page - Cirrus Logic CS5461A Datasheet HTML 18Page - Cirrus Logic CS5461A Datasheet HTML 19Page - Cirrus Logic CS5461A Datasheet HTML 20Page - Cirrus Logic CS5461A Datasheet HTML 21Page - Cirrus Logic CS5461A Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
CS5461A
18
DS661F1
energy level, the energy output pins (E1 and E2) alter-
nate changing states (see Figure 6). The duration
(tedge) between the alternating states is defined by the
transfer function:
The direction the motor will rotate is determined by the
order of the state changes. When energy is positive, E1
will lead E2. When energy is negative, E2 will lead E1.
The Pulse Width Register (PW) does not affect the step-
per motor format.
5.4.5 Pulse Output E3
The pulse output E3 is designed to assist with meter cal-
ibration. The pulse-output frequency of E3 is directly
proportional to the active power calculated from the in-
put signals. E3 pulse frequency is derived using a sim-
ular transfer function as E1, but is set by the value in the
PulseRateE3 Register.
The E3 pin outputs negative and positive energy, but
has no energy direction indicator.
5.4.6 Anti-creep for the Pulse Outputs
Anti-creep allows the measurement element to maintain
an energy level, such that when the magnitude of the
accumulated active power is below this level, no energy
pulses are output. Anti-creep is enabled by setting bit
FAC in the Control Register for E3 and bit EAC in the
Control Register for E1 and E2.
For low-frequency pulse output formats (i.e. mechanical
counter and stepper motor formats), the active power is
accumulated over time. When a designated energy lev-
el is reached (determined by the transfer function) a
pulse is generated on E1 and/or E2. If active power with
alternating polarity occurs during the accumulation peri-
od (e.g. random noise at zero power levels), the accura-
cy of the registered energy will be maintained.
For high-frequency pulse output formats (i.e. normal
and alternate pulse formats), the active power is accu-
mulated over time until a
±8x buffer is defined. Then,
when the designated energy level is reached, a pulse is
generated on E1 and/or E2. For pulse outputs with high
frequencies and power levels close to zero, the extend-
ed buffer prevents random noise from being registered
as active energy.
5.4.7 Design Examples
EXAMPLE #1:
The maximum rated levels for a power line meter are
250 V rms and 20 A rms. The required number of puls-
es per second on E1 is 100 pulses per second (100 Hz),
when the levels on the power line are 220 V rms and
15 A rms.
With a 10x gain on the voltage and current channel the
maximum input signal is 250 mVP (see Section 5.1 An-
alog Inputs on page 15). To prevent over-driving the
channel inputs, the maximum rated rms input levels will
register 0.6 in VRMS and IRMS by design. Therefore the
voltage level at the channel inputs will be 150 mV rms
when the maximum rated levels on the power lines are
250 V rms and 20 A rms.
Solving for PulseRateE1,2 using the transfer function:
Therefore with PF = 1 and
the PulseRateE1,2 Register is set to:
EXAMPLE #2:
The required number of pulses per unit energy present
on E1 is specified to be 500 pulses per kWhr, given that
the line voltage is 250 Vrms and the line current is
20 Arms. In such a situation, the stated line voltage and
current do not determine the appropriate PulseRateE1,2
setting. To achieve full-scale readings in the instanta-
E1
E2
Po s it iv e En e r g y
N ega t iv e E n er gy
...
...
...
...
t
edg e
Figure 6. Stepper Motor Format on E1 and E2
tedge sec
()
1
FREQE
----------------------
=
PulseRateE12
,
FREQE VREFIN
2
×
VIN VGAIN
×
IIN
×
PF
×
-------------------------------------------------------------------
=
VIN
220V
150mV
() 250V
()
⁄
()
×
132mV
==
IIN
15A
150mV
() 20A
()
⁄
()
×
112.5mV
==
PulseRateE
100 2.5
2
×
0.132 10
×
0.1125
×
10
×
-----------------------------------------------------------------
420.8754Hz
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com