Electronic Components Datasheet Search
  English  ▼

X  

CS5461A Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5461A
Description  Single Phase, Bi-directional Power/Energy IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461A Datasheet(HTML) 1 Page - Cirrus Logic

  CS5461A Datasheet HTML 1Page - Cirrus Logic CS5461A Datasheet HTML 2Page - Cirrus Logic CS5461A Datasheet HTML 3Page - Cirrus Logic CS5461A Datasheet HTML 4Page - Cirrus Logic CS5461A Datasheet HTML 5Page - Cirrus Logic CS5461A Datasheet HTML 6Page - Cirrus Logic CS5461A Datasheet HTML 7Page - Cirrus Logic CS5461A Datasheet HTML 8Page - Cirrus Logic CS5461A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
http://www.cirrus.com
CS5461A
Single Phase, Bi-directional Power/Energy IC
Features
• Energy Data Linearity: ±0.1% of Reading over
1000:1 Dynamic Range
• On-chip Functions:
- Instantaneous Voltage, Current, and Power
- IRMS and VRMS, Apparent and Active (Real) Power
- Energy-to-pulse Conversion for Mechanical
Counter/Stepper Motor Drive
- System Calibrations and Phase Compensation
- Temperature Sensor
- Voltage Sag Detect
• Meets Accuracy Spec for IEC, ANSI, & JIS.
• Low Power Consumption
• Current Input Optimized for Sense Resistor.
• GND-referenced Signals with Single Supply
• On-chip 2.5 V Reference (25 ppm/°C typ)
• Power Supply Monitor
• Simple Three-wire Digital Serial Interface
• “Auto-boot” Mode from Serial E2PROM.
• Power Supply Configurations:
VA+ = +5 V; AGND = 0 V; VD+ = +3.3 V to +5 V
Description
The CS5461A is an integrated power measure-
ment
device
which
combines
two
∆Σ
analog-to-digital converters, power calculation
engine, energy-to-frequency converter, and a
serial interface on a single chip. It is designed to
accurately measure instantaneous current and
voltage, and calculate VRMS, IRMS, instanta-
neous power, apparent power, and active power
for single-phase, 2- or 3-wire power metering
applications.
The CS5461A is optimized to interface to shunt
resistors or current transformers for current mea-
surement, and to resistive dividers or potential
transformers for voltage measurement.
The CS5461A features a bi-directional serial in-
terface for communication with a processor, and
a programmable energy-to-pulse output func-
tion.
Additional
features
include
on-chip
functionality to facilitate system-level calibration,
temperature sensor, voltage sag detection, and
phase compensation.
ORDERING INFORMATION:
See Page 41.
VA+
VD+
IIN+
IIN-
VIN+
VIN-
VREFIN
VREFOUT
AGND
XIN
XOUT CPUCLK
DGND
CS
SDO
SDI
SCLK
INT
Voltage
Reference
System
Clock
/K
Clock
Generator
Serial
Interface
E-to-F
Power
Monitor
PFMON
x1
RESET
Digital
Filter
Calibration
MODE
Power
Calculation
Engine
4th Order
∆Σ
Modulator
2nd Order
∆Σ
Modulator
Temperature
Sensor
Digital
Filter
PGA
HPF
Option
HPF
Option
E1
E2
E3
x10
AUG ‘05
DS661F1


Similar Part No. - CS5461A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5461A CIRRUS-CS5461A Datasheet
705Kb / 44P
Single Phase, Bi-directional Power/Energy IC
CS5461A-IS CIRRUS-CS5461A-IS Datasheet
705Kb / 44P
Single Phase, Bi-directional Power/Energy IC
CS5461A-ISZ CIRRUS-CS5461A-ISZ Datasheet
705Kb / 44P
Single Phase, Bi-directional Power/Energy IC
CS5461A CIRRUS-CS5461A_08 Datasheet
705Kb / 44P
Single Phase, Bi-directional Power/Energy IC
More results

Similar Description - CS5461A

ManufacturerPart #DatasheetDescription
logo
Sames
SA2002H SAMES-SA2002H Datasheet
147Kb / 12P
Single Phase Bi-directional Power / Energy Metering IC with Instantaneous Pulse Output
logo
Cirrus Logic
CS5460A CIRRUS-CS5460A Datasheet
876Kb / 54P
Single Phase Bi-Directional Power/Energy IC
CS5461 CIRRUS-CS5461 Datasheet
336Kb / 46P
Single Phase Bi-Directional Power/Energy IC
CS5463 CIRRUS-CS5463 Datasheet
875Kb / 44P
Single Phase, Bi-directional Power/Energy IC
CS5460 CIRRUS-CS5460 Datasheet
583Kb / 34P
Single Phase Bi-Directional Power/Energy IC
CS5460A CIRRUS-CS5460A_07 Datasheet
775Kb / 54P
Single Phase, Bi-directional Power/Energy IC
CS5461A CIRRUS-CS5461A_08 Datasheet
705Kb / 44P
Single Phase, Bi-directional Power/Energy IC
CS5463 CIRRUS-CS5463_08 Datasheet
770Kb / 46P
Single Phase, Bi-directional Power/Energy IC
CS5461_0408 CIRRUS-CS5461_0408 Datasheet
665Kb / 45P
Single Phase Bi-Directional Power/Energy IC
CS5463 CIRRUS-CS5463_11 Datasheet
388Kb / 46P
Single Phase, Bi-directional Power/Energy IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com