Electronic Components Datasheet Search
  English  ▼

X  

CS5461A Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS5461A
Description  Single Phase, Bi-directional Power/Energy IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461A Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS5461A Datasheet HTML 19Page - Cirrus Logic CS5461A Datasheet HTML 20Page - Cirrus Logic CS5461A Datasheet HTML 21Page - Cirrus Logic CS5461A Datasheet HTML 22Page - Cirrus Logic CS5461A Datasheet HTML 23Page - Cirrus Logic CS5461A Datasheet HTML 24Page - Cirrus Logic CS5461A Datasheet HTML 25Page - Cirrus Logic CS5461A Datasheet HTML 26Page - Cirrus Logic CS5461A Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
CS5461A
DS661F1
23
5.13.5 Register Read/Write
The Read/Write informs the command decoder that a register access is required. During a read operation, the ad-
dressed register is loaded into an output buffer and clocked out by SCLK. During a write operation, the data is
clocked into an input buffer and transferred to the addressed register upon completion of the 24th SCLK.
W/R
Write/Read control
0 = Read
1 = Write
RA[4:0]
Register address bits (bits 5 through 1) of the read/write command.
Address
RA[4:0]
Name
Description
0
00000
Config
Configuration
1
00001
IDCoff
Current DC Offset
2
00010
Ign
Current Gain
3
00011
VDCoff
Voltage DC Offset
4
00100
Vgn
Voltage Gain
5
00101
Cycle Count
Number of A/D conversions used in one computation cycle (N)).
6
00110
PulseRateE1,2 Sets the E1 and E2 energy-to-frequency output pulse rate.
7
00111
I
Instantaneous Current
8
01000
V
Instantaneous Voltage
9
01001
P
Instantaneous Power
10
01010
PActive
Active (Real) Power
11
01011
IRMS
RMS Current
12
01100
VRMS
RMS Voltage
14
01110
Poff
Power Offset
15
01111
Status
Status
16
10000
IACoff
Current AC (RMS) Offset
17
10001
VACoff
Voltage AC (RMS) Offset
18
10010
PulseRateE3
Sets the E3 energy-to-frequency output pulse rate.
19
10011
T
Temperature
20
10100
SYSGain
System Gain
21
10101
PW
Pulse width register for mechanical counter output mode
23
10111
VSAGDuration
Voltage Sag Duration
24
11000
VSAGLevel
Voltage Sag Level Threshold
26
11010
Mask
Interrupt Mask
28
11100
Ctrl
Control
29
11101
TGain
Temperature Sensor Gain
30
11110
Toff
Temperature Sensor Offset
31
11111
S
Apparent Power
Note: For proper operation, do not attempt to write to unspecified registers.
B7
B6
B5
B4
B3
B2
B1
B0
0W/R
RA4
RA3
RA2
RA1
RA0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com