Electronic Components Datasheet Search
  English  ▼

X  

CS5461A Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS5461A
Description  Single Phase, Bi-directional Power/Energy IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461A Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS5461A Datasheet HTML 21Page - Cirrus Logic CS5461A Datasheet HTML 22Page - Cirrus Logic CS5461A Datasheet HTML 23Page - Cirrus Logic CS5461A Datasheet HTML 24Page - Cirrus Logic CS5461A Datasheet HTML 25Page - Cirrus Logic CS5461A Datasheet HTML 26Page - Cirrus Logic CS5461A Datasheet HTML 27Page - Cirrus Logic CS5461A Datasheet HTML 28Page - Cirrus Logic CS5461A Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
CS5461A
DS661F1
25
6. REGISTER DESCRIPTION
1. “Default” => bit status after power-on or reset
2. Any bit not labeled is Reserved. A zero should always be used when writing to one of these bits.
6.1 Configuration Register
Address: 0
Default = 0x000001
PC[6:0]
Phase compensation. A 2’s complement number which sets a delay in the voltage channel rel-
ative to the current channel. When MCLK = 4.096 MHz and K = 1, the phase adjustment range
is approximately
±2.8 degrees with each step approximately 0.04 degrees (assuming a power
line frequency of 60 Hz). If (MCLK/K) is not 4.096 MHz, the values for the range and step size
should be scaled by the factor 4.096 MHz / (MCLK/K). Default setting is 0000000 = 0.0215 de-
gree phase delay at 60 Hz (when MCLK = 4.096 MHz).
Igain
Sets the gain of the current PGA.
0 = Gain is 10x (default)
1 = Gain is 50x
EWA
Allows the E1 and E2 pins to be configured as open-collector output pins.
0 = Normal outputs (default)
1 = Only the pull-down device of the E1 and E2 pins are active
IMODE, IINV
Interrupt configuration bits. Select the desired pin behavior for indication of an interrupt.
00 = Active-low level (default)
01 = Active-high level
10 = High-to-low pulse
11 = Low-to-high pulse
EPP
Allows the E1 and E2 pins to be controlled by the EOP and EDP bits.
0 = Normal operation of the E1 and E2 pins. (default)
1 = EOP and EDP bits defines the E1 and E2 pins.
EOP
EOP defines the value of the E1 pin when EPP = 1.
0 = Logic level low (default)
EDP
EDP defines the value of the E2 pin when EPP = 1.
0 = Logic level low (default)
ALT
Alternate pulse format, E1 and E2 becomes active low alternating pulses with an output fre-
quency proportional to the active power.
0 = Normal (default), Mechanical Counter or Stepper Motor Format
1 = Alternate Pulse Format, also MECH = 1
VHPF (IHPF)
Enables the high-pass filter on the voltage (current) channel.
0 = High-pass filter disabled (default)
1 = High-pass filter enabled
23
22
21
20
19
18
17
16
PC6
PC5
PC4
PC3
PC2
PC1
PC0
Igain
15
14
13
12
11
10
9
8
EWA
IMODE
IINV
EPP
EOP
EDP
7
654
32
10
ALT
VHPF
IHPF
iCPU
K3
K2
K1
K0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com