Electronic Components Datasheet Search
  English  ▼

X  

CS5461A Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS5461A
Description  Single Phase, Bi-directional Power/Energy IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461A Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS5461A Datasheet HTML 33Page - Cirrus Logic CS5461A Datasheet HTML 34Page - Cirrus Logic CS5461A Datasheet HTML 35Page - Cirrus Logic CS5461A Datasheet HTML 36Page - Cirrus Logic CS5461A Datasheet HTML 37Page - Cirrus Logic CS5461A Datasheet HTML 38Page - Cirrus Logic CS5461A Datasheet HTML 39Page - Cirrus Logic CS5461A Datasheet HTML 40Page - Cirrus Logic CS5461A Datasheet HTML 41Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
CS5461A
38
DS661F1
VA+
VD+
CS5461A
0.1 µF
470 µF
500
Ω
470 nF
500
Ω
N
R3
R4
RBurden
10
Ω
14
VIN+
9
VIN-
IIN-
10
16
15
IIN+
PFMON
CPUCLK
XOUT
XIN
Optional
Clock
Source
RESET
17
2
1
24
CS
SD
SDO
SCLK
INT
0.1 µF
VREFIN
12
VREFOUT
11
DGND
13
4
3
4.095 MHz
0.1 µF
L 1
L 2
10 k
Ω
5k
Ω
R
1
R
2
R
I+
R
I-
22
21
Mech. Counter
Stepper Motor
or
1k
Ω
1k
Ω
120 VAC
120 VAC
240 VAC
Serial
Data
Interface
19
7
23
6
5
20
I
Earth
Ground
C
Idiff
C
Idiff
E1
AGND
E2
Figure 17. Typical Connection Diagram (Single-phase, 3-wire)
Mech. Counter
Stepper Motor
or
VA+
VD+
CS5461A
0.1µF
200µF
200
N
10
Ω
14
VIN+
9
VIN-
IIN-
10
15
16
IIN+
PFMON
CPUCLK
XOUT
XIN
Optional
Clock
Source
RESET
17
2
1
24
CS
SDI
SDO
SCLK
INT
22
E1
21
0.1 µF
VREFIN
12
VREFOUT
11
AGND
DGND
13
4
3
4.096 MHz
0.1 µF
10 k
Ω
5k
Ω
L
M:1
R
N:1
Low Phase-Shift
Potential Transformer
Current
Transformer
R
V+
R
V-
CVdiff
R
I-
R
I+
C
Burden
Idiff
Voltage
Transformer
120 VAC
12 VAC
12 VAC
Ω
200
Ω
Serial
Data
Interface
19
7
23
6
5
20
1k
Ω
1k
Ω
1k
Ω
1k
Ω
E2
Figure 16. Typical Connection Diagram (Single-phase, 2-wire – Isolated from Power Line)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com