Electronic Components Datasheet Search
  English  ▼

X  

CS5461A Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS5461A
Description  Single Phase, Bi-directional Power/Energy IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461A Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS5461A Datasheet HTML 11Page - Cirrus Logic CS5461A Datasheet HTML 12Page - Cirrus Logic CS5461A Datasheet HTML 13Page - Cirrus Logic CS5461A Datasheet HTML 14Page - Cirrus Logic CS5461A Datasheet HTML 15Page - Cirrus Logic CS5461A Datasheet HTML 16Page - Cirrus Logic CS5461A Datasheet HTML 17Page - Cirrus Logic CS5461A Datasheet HTML 18Page - Cirrus Logic CS5461A Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
CS5461A
DS661F1
15
5. FUNCTIONAL DESCRIPTION
5.1 Analog Inputs
The CS5461A is equipped with two fully differential in-
put channels. The inputs VIN
± and IIN± are designated
as the voltage and current channel inputs, respectively.
The full-scale differential input voltage for the current
and voltage channel is
±250 mVP.
5.1.1 Voltage Channel
The output of the line-voltage resistive divider or trans-
former is connected to the VIN+ and VIN- input pins of
the CS5461A. The voltage channel is equipped with a
10x, fixed-gain amplifier. The full-scale signal level that
can be applied to the voltage channel is
±250 mV. If the
input signal is a sine wave the maximum RMS voltage
at a gain 10x is:
which is approximately 70.7% of maximum peak volt-
age. The voltage channel is also equipped with a Volt-
age Gain Register, allowing for an additional
programmable gain of up to 4x.
5.1.2 Current Channel
The output of the current-sense resistor or transformer
is connected to the IIN+ and IIN- input pins of the
CS5461A. To accommodate different current-sensing
elements, the current channel incorporates a Program-
mable Gain Amplifier (PGA) with two programmable in-
put gains. Configuration Register bit Igain (See Table 1)
defines the two gain selections and corresponding max-
imum input-signal level.
For example, if Igain=0, the current channel’s PGA gain
is set to 10x. If the input signals are pure sinusoids with
zero phase shift, the maximum peak differential signal
on the current or voltage channel is
±250 mVP. The in-
put-signal levels are approximately 70.7% of maximum
peak voltage producing a full-scale energy pulse regis-
tration equal to 50% of absolute maximum energy pulse
registration. This will be discussed further in Section 5.4
Energy Pulse Output on page 16.
The Current Gain Register also allows for an additional
programmable gain of up to 4x. If an additional gain is
applied to the voltage and/or current channel, the maxi-
mum input range should be adjusted accordingly.
5.2 High-pass Filters
By removing the offset from either channel, no error
component will be generated at DC when computing the
active power. By removing the offset from both chan-
nels, no error component will be generated at DC when
computing VRMS, IRMS, and apparent power. Configura-
tion Register bits VHPF and IHPF activate the HPF in
the voltage and current channel respectively.
5.3 Performing Measurements
The CS5461A performs measurements of instanta-
neous voltage (Vn) and current (In), and calculates in-
stantaneous power (Pn) at an Output Word Rate (OWR)
of
where K is the clock divider setting in the Configuration
Register.
The RMS voltage (VRMS), RMS current (IRMS), and ac-
tive power (PActive) are computed using N instanta-
neous samples of Vn, In and Pn respectively, where N is
the value in the Cycle Count Register (N) and is referred
to as a “computation cycle”. The apparent power (S) is
the product of VRMS and IRMS. A computation cycle is
derived from the master clock (MCLK), with frequency:
Under default conditions & with K = 1, N = 4000, and
MCLK = 4.096 MHz – the OWR = 4000 Hz and the
ComputationCycle= 1Hz.
All measurements are available as a percentage of full
scale. The format for signed registers is a two’s comple-
ment, normalized value between -1 and +1. The format
for unsigned registers is a normalized value between 0
and 1. A register value of
represents the maximum possible value.
At each instantaneous measurement, the CRDY bit will
be set (logic 1) in the Status Register, and the INT pin
will become active if the CRDY bit is unmasked in the
Mask Register. At the end of each computation cycle,
the DRDY bit will be set in the Status Register, and the
Igain
Maximum Input Range
0±250 mV
10x
1
±50 mV
50x
Table 1. Current Channel PGA Configuration
250mVP
2
---------------------
176.78mVRMS
≅
OWR
MCLK K
⁄
()
1024
-----------------------------
=
Computation Cycle
OWR
N
---------------
=
2
23
1
–
()
2
23
------------------------
0.99999988
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com