Electronic Components Datasheet Search
  English  ▼

X  

CS5461A Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS5461A
Description  Single Phase, Bi-directional Power/Energy IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461A Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5461A Datasheet HTML 6Page - Cirrus Logic CS5461A Datasheet HTML 7Page - Cirrus Logic CS5461A Datasheet HTML 8Page - Cirrus Logic CS5461A Datasheet HTML 9Page - Cirrus Logic CS5461A Datasheet HTML 10Page - Cirrus Logic CS5461A Datasheet HTML 11Page - Cirrus Logic CS5461A Datasheet HTML 12Page - Cirrus Logic CS5461A Datasheet HTML 13Page - Cirrus Logic CS5461A Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
CS5461A
10
DS661F1
SWITCHING CHARACTERISTICS
•
Min / Max characteristics and specifications are guaranteed over all Recommended Operating Conditions.
•
Typical characteristics and specifications are measured at nominal supply voltages and TA = 25 °C.
•
VA+ = 5 V ±5% VD+ = 3.3 V ±5% or 5 V ±5%; AGND = DGND = 0 V. All voltages with respect to 0 V.
•
Logic Levels: Logic 0 = 0 V, Logic 1 = VD+.
Notes: 16. Specified using 10% and 90% points on wave-form of interest. Output loaded with 50 pF.
17. Oscillator start-up time varies with crystal parameters. This specification does not apply when using an external
clock source.
Parameter
Symbol
Min
Typ
Max
Unit
Rise Times
Any Digital Input Except SCLK
(Note 16)
SCLK
Any Digital Output
trise
-
-
-
-
-
50
1.0
100
-
µs
µs
ns
Fall Times
Any Digital Input Except SCLK
(Note 16)
SCLK
Any Digital Output
tfall
-
-
-
-
-
50
1.0
100
-
µs
µs
ns
Start-up
Oscillator Start-Up Time
XTAL = 4.096 MHz (Note 17)
tost
-60-
ms
Serial Port Timing
Serial Clock Frequency
SCLK
-
-
2
MHz
Serial Clock
Pulse Width High
Pulse Width Low
t1
t2
200
200
-
-
-
-
ns
ns
SDI Timing
CS Falling to SCLK Rising
t3
50
-
-
ns
Data Set-up Time Prior to SCLK Rising
t4
50
-
-
ns
Data Hold Time After SCLK Rising
t5
100
-
-
ns
SDO Timing
CS Falling to SDO Driving
t6
-20
50
ns
SCLK Falling to New Data Bit (hold time)
t7
-20
50
ns
CS Rising to SDO Hi-Z
t8
-20
50
ns
Auto-Boot Timing
Serial Clock
Pulse Width Low
Pulse Width High
t9
t10
8
8
MCLK
MCLK
MODE setup time to RESET Rising
t11
50
ns
RESET rising to CS falling
t12
48
MCLK
CS falling to SCLK rising
t13
100
8
MCLK
SCLK falling to CS rising
t14
16
MCLK
CS rising to driving MODE low (to end auto-boot sequence).
t15
50
ns
SDO guaranteed setup time to SCLK rising
t16
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com