Electronic Components Datasheet Search
  English  ▼

X  

CS5461A Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS5461A
Description  Single Phase, Bi-directional Power/Energy IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461A Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS5461A Datasheet HTML 23Page - Cirrus Logic CS5461A Datasheet HTML 24Page - Cirrus Logic CS5461A Datasheet HTML 25Page - Cirrus Logic CS5461A Datasheet HTML 26Page - Cirrus Logic CS5461A Datasheet HTML 27Page - Cirrus Logic CS5461A Datasheet HTML 28Page - Cirrus Logic CS5461A Datasheet HTML 29Page - Cirrus Logic CS5461A Datasheet HTML 30Page - Cirrus Logic CS5461A Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
CS5461A
DS661F1
27
6.5 PulseRateE1,2 Register
Address: 6
Default = 0xFA000 = 32000.00 Hz
PulseRateE1,2 sets the frequency of the E1 and/or E2 pulses. The smallest valid frequency is 2-4 with 2-5 incre-
mental steps. A pulse rate higher than (MCLK/K)/8 will result in a pulse rate setting of (MCLK/K)/8. The value
is represented in unsigned notation, with the binary point to the right of bit 5.
6.6 Instantaneous Current, Voltage and Power Registers ( I , V , P )
Address: 7 (Instantaneous Current); 8 (Instantaneous Voltage); 9 (Instantaneous Power)
I and V contain the instantaneous measured values for current and voltage, respectively. The instantaneous
voltage and current samples are multiplied to obtain Instantaneous Power (P). The value is represented in two's
complement notation and in the range of -1.0
≤ I, V, P < 1.0, with the binary point to the right of the MSB.
6.7 Active (Real) Power Registers ( PActive )
Address: 10
The instantaneous power is averaged over each computation cycle (N conversions) to compute Active Power
(PActive). The value is represented in two's complement notation and in the range of -1.0 ≤ PActive< 1.0, with the
binary point to the right of the MSB.
6.8 IRMS and VRMS Registers ( IRMS , VRMS )
Address: 11 (IRMS); 12 (VRMS)
IRMS and VRMS contain the Root Mean Square (RMS) value of I and V, calculated over each computation cycle.
The value is represented in unsigned binary notation and in the range of 0.0
≤ IRMS,VRMS < 1.0, with the binary
point to the left of the MSB.
6.9 Power Offset Register ( Poff )
Address: 14
Default = 0x000000
Power Offset (Poff) is added to the instantaneous power being accumulated in the Pactive register and can be
used to offset contributions to the energy result that are caused by undesirable sources of energy that are in-
herent in the system. The value is represented in two's complement notation and in the range of -1.0
≤ Poff < 1.0,
with the binary point to the right of the MSB.
MSB
LSB
218
217
216
215
214
213
212
211
.....
21
20
2-1
2-2
2-3
2-4
2-5
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
2-1
2-2
2-3
2-4
2-5
2-6
2-7
2-8
.....
2-18
2-19
2-20
2-21
2-22
2-23
2-24
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com