Electronic Components Datasheet Search
  English  ▼

X  

TDA8928ST Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8928ST
Description  Power stage 2 x 10 or 1 x 20 W class-D audio amplifie
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8928ST Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8928ST Datasheet HTML 1Page - NXP Semiconductors TDA8928ST Datasheet HTML 2Page - NXP Semiconductors TDA8928ST Datasheet HTML 3Page - NXP Semiconductors TDA8928ST Datasheet HTML 4Page - NXP Semiconductors TDA8928ST Datasheet HTML 5Page - NXP Semiconductors TDA8928ST Datasheet HTML 6Page - NXP Semiconductors TDA8928ST Datasheet HTML 7Page - NXP Semiconductors TDA8928ST Datasheet HTML 8Page - NXP Semiconductors TDA8928ST Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
2004 May 05
4
Philips Semiconductors
Preliminary specification
Power stage 2 x 10 or 1 x 20 W class-D
audio amplifier
TDA8928J
6
BLOCK DIAGRAM
MGX377
handbook, full pagewidth
CONTROL
AND
HANDSHAKE
DRIVER
HIGH
TDA8928J
TEMPERATURE SENSOR
AND
CURRENT PROTECTION
DRIVER
LOW
temp
current
4
7
VSS1
VSS1 VSS2
VDD2
6
1
2
9
810
VDD2 VDD1
13
5
CONTROL
AND
HANDSHAKE
DRIVER
HIGH
DRIVER
LOW
14
11
12
17
16
3
15
EN1
DIAG
REL1
SW1
SW2
REL2
POWERUP
EN2
BOOT1
OUT1
STAB
OUT2
BOOT2
Fig.1 Block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com