Electronic Components Datasheet Search
  English  ▼

X  

TDA8928ST Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8928ST
Description  Power stage 2 x 10 or 1 x 20 W class-D audio amplifie
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8928ST Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8928ST Datasheet HTML 1Page - NXP Semiconductors TDA8928ST Datasheet HTML 2Page - NXP Semiconductors TDA8928ST Datasheet HTML 3Page - NXP Semiconductors TDA8928ST Datasheet HTML 4Page - NXP Semiconductors TDA8928ST Datasheet HTML 5Page - NXP Semiconductors TDA8928ST Datasheet HTML 6Page - NXP Semiconductors TDA8928ST Datasheet HTML 7Page - NXP Semiconductors TDA8928ST Datasheet HTML 8Page - NXP Semiconductors TDA8928ST Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
2004 May 05
5
Philips Semiconductors
Preliminary specification
Power stage 2 x 10 or 1 x 20 W class-D
audio amplifier
TDA8928J
7
PINNING
SYMBOL
PIN
DESCRIPTION
SW1
1
digital switch input; channel 1
REL1
2
digital control output; channel 1
DIAG
3
digital open-drain output for
overtemperature and overcurrent
report
EN1
4
digital enable input; channel 1
VDD1
5
positive power supply; channel 1
BOOT1
6
bootstrap capacitor; channel 1
OUT1
7
PWM output; channel 1
VSS1
8
negative power supply; channel 1
STAB
9
decoupling internal stabilizer for
logic supply
VSS2
10
negative power supply; channel 2
OUT2
11
PWM output; channel 2
BOOT2
12
bootstrap capacitor; channel 2
VDD2
13
positive power supply; channel 2
EN2
14
digital enable input; channel 2
POWERUP
15
enable input for switching on
internal reference sources
REL2
16
digital control output; channel 2
SW2
17
digital switch input; channel 2
handbook, halfpage
TDA8928J
MGX378
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
VSS1
VSS2
VDD2
VDD1
EN1
DIAG
REL1
SW1
SW2
REL2
POWERUP
EN2
BOOT1
OUT1
STAB
OUT2
BOOT2
Fig.2 Pin configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com