Electronic Components Datasheet Search
  English  ▼

X  

TDA8928ST Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8928ST
Description  Power stage 2 x 10 or 1 x 20 W class-D audio amplifie
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8928ST Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8928ST Datasheet HTML 3Page - NXP Semiconductors TDA8928ST Datasheet HTML 4Page - NXP Semiconductors TDA8928ST Datasheet HTML 5Page - NXP Semiconductors TDA8928ST Datasheet HTML 6Page - NXP Semiconductors TDA8928ST Datasheet HTML 7Page - NXP Semiconductors TDA8928ST Datasheet HTML 8Page - NXP Semiconductors TDA8928ST Datasheet HTML 9Page - NXP Semiconductors TDA8928ST Datasheet HTML 10Page - NXP Semiconductors TDA8928ST Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
2004 May 05
7
Philips Semiconductors
Preliminary specification
Power stage 2 x 10 or 1 x 20 W class-D
audio amplifier
TDA8928J
9
LIMITING VALUES
In accordance with the Absolute Maximum Rate System (IEC 60134).
Notes
1. Human Body Model (HBM); Rs = 1500 Ω; C = 100 pF.
2. Machine Model (MM); Rs =10 Ω; C = 200 pF; L = 0.75 µH.
10 THERMAL CHARACTERISTICS
11 QUALITY SPECIFICATION
In accordance with
“SNW-FQ611” if this device is used as an audio amplifier.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
−±30
V
VP(sc)
supply voltage for
short-circuits across the load
−±30
V
IORM
repetitive peak current in
output pins
−
2A
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
−40
+85
°C
Tvj
virtual junction temperature
−
150
°C
Vesd(HBM)
electrostatic discharge voltage
(HBM)
note 1
all pins with respect to VDD (class 1a)
−500
+500
V
all pins with respect to VSS (class 1a)
−1500
+1500
V
all pins with respect to each other
(class 1a)
−1500
+1500
V
Vesd(MM)
electrostatic discharge voltage
(MM)
note 2
all pins with respect to VDD (class B)
−250
+250
V
all pins with respect to VSS (class B)
−250
+250
V
all pins with respect to each other
(class B)
−250
+250
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
40
K/W
Rth(j-c)
thermal resistance from junction to case
in free air
1.5
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com