Electronic Components Datasheet Search
  English  ▼

X  

TDA8928ST Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8928ST
Description  Power stage 2 x 10 or 1 x 20 W class-D audio amplifie
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8928ST Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8928ST Datasheet HTML 5Page - NXP Semiconductors TDA8928ST Datasheet HTML 6Page - NXP Semiconductors TDA8928ST Datasheet HTML 7Page - NXP Semiconductors TDA8928ST Datasheet HTML 8Page - NXP Semiconductors TDA8928ST Datasheet HTML 9Page - NXP Semiconductors TDA8928ST Datasheet HTML 10Page - NXP Semiconductors TDA8928ST Datasheet HTML 11Page - NXP Semiconductors TDA8928ST Datasheet HTML 12Page - NXP Semiconductors TDA8928ST Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
2004 May 05
9
Philips Semiconductors
Preliminary specification
Power stage 2 x 10 or 1 x 20 W class-D
audio amplifier
TDA8928J
13 AC CHARACTERISTICS
VP = ±12.5 V; Tamb =25 °C; unless otherwise specified.
Notes
1. VP = ±12.5 V; RL =8 Ω; fi = 1 kHz; fosc = 310 kHz; Rs = 0.1 Ω (series resistance of filter coil); Tamb =25 °C;
measured in reference design (SE application) shown in Fig.5; unless otherwise specified.
2. Indirectly measured; based on Rds(on) measurement.
3. Total Harmonic Distortion (THD) is measured in a bandwidth of 22 Hz to 20 kHz (AES 17 brickwall filter). When
distortion is measured using a low-order low-pass filter a significantly higher value will be found, due to the switching
frequency outside the audio band. Measured using the typical application circuit, given in Fig.5.
4. Efficiency for power stage.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Single-ended application; note 1
Po
output power
RL =8 Ω
THD = 0.5 %
7(2)
8
−
W
THD = 10 %
9(2)
10
−
W
RL =16 Ω
THD = 0.5 %
−
4
−
W
THD = 10 %
−
5
−
W
THD
total harmonic distortion
Po = 1 W; note 3
fi = 1 kHz
−
0.05
0.1
%
fi = 10 kHz
−
0.2
−
%
η
efficiency endstage
Po =2 × 10 W; fi = 1 kHz; note 4
−
90
−
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com