Electronic Components Datasheet Search
  English  ▼

X  

TDA8928ST Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8928ST
Description  Power stage 2 x 10 or 1 x 20 W class-D audio amplifie
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8928ST Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8928ST Datasheet HTML 6Page - NXP Semiconductors TDA8928ST Datasheet HTML 7Page - NXP Semiconductors TDA8928ST Datasheet HTML 8Page - NXP Semiconductors TDA8928ST Datasheet HTML 9Page - NXP Semiconductors TDA8928ST Datasheet HTML 10Page - NXP Semiconductors TDA8928ST Datasheet HTML 11Page - NXP Semiconductors TDA8928ST Datasheet HTML 12Page - NXP Semiconductors TDA8928ST Datasheet HTML 13Page - NXP Semiconductors TDA8928ST Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
2004 May 05
10
Philips Semiconductors
Preliminary specification
Power stage 2 x 10 or 1 x 20 W class-D
audio amplifier
TDA8928J
14 SWITCHING CHARACTERISTICS
VP = ±12.5 V; Tamb =25 °C; measured in Fig.4; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
PWM outputs (pins OUT1 and OUT2); see Fig.3
tr
rise time
−
30
−
ns
tf
fall time
−
30
−
ns
tblank
blanking time
−
70
−
ns
tPD
propagation delay
from pin SW1 (SW2) to
pin OUT1 (OUT2)
−
200
−
ns
tW(min)
minimum pulse width
−
220
270
ns
Rds(on)
on-resistance of the output
transistors
−
0.2
0.4
Ω
handbook, full pagewidth
MGW145
PWM
output
(V)
VDD
VSS
0 V
tblank
tf
tr
1/fosc
100 ns
VSTAB
VSS
VSW
(V)
tPD
VSTAB
VSS
VREL
(V)
Fig.3 Timing diagram PWM output, switch and release signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com