Electronic Components Datasheet Search
  English  ▼

X  

TDA8928ST Datasheet(PDF) 19 Page - NXP Semiconductors

Part # TDA8928ST
Description  Power stage 2 x 10 or 1 x 20 W class-D audio amplifie
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8928ST Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button TDA8928ST Datasheet HTML 15Page - NXP Semiconductors TDA8928ST Datasheet HTML 16Page - NXP Semiconductors TDA8928ST Datasheet HTML 17Page - NXP Semiconductors TDA8928ST Datasheet HTML 18Page - NXP Semiconductors TDA8928ST Datasheet HTML 19Page - NXP Semiconductors TDA8928ST Datasheet HTML 20Page - NXP Semiconductors TDA8928ST Datasheet HTML 21Page - NXP Semiconductors TDA8928ST Datasheet HTML 22Page - NXP Semiconductors TDA8928ST Datasheet HTML 23Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
2004 May 05
19
Philips Semiconductors
Preliminary specification
Power stage 2 x 10 or 1 x 20 W class-D
audio amplifier
TDA8928J
16 PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
SOT243-3
0
5
10 mm
scale
D
L
E
A
c
A2
L 3
Q
w M
b p
1
d
D
Z
e
e
x
h
117
j
Eh
non-concave
99-12-17
03-03-12
DBS17P: plastic DIL-bent-SIL power package; 17 leads (lead length 7.7 mm)
SOT243-3
view B: mounting base side
m
2
e
v M
B
UNIT
A
e 1
A2
bp
cD(1)
E(1)
Z (1)
de
Dh
LL3
m
mm
17.0
15.5
4.6
4.4
0.75
0.60
0.48
0.38
24.0
23.6
20.0
19.6
10
2.54
v
0.6
12.2
11.8
1.27
e 2
5.08
2.4
1.6
Eh
6
2.00
1.45
2.1
1.8
3.4
3.1
4.3
8.4
7.0
Q
j
0.25
w
0.03
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com