Electronic Components Datasheet Search
  English  ▼

X  

TDA8928ST Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA8928ST
Description  Power stage 2 x 10 or 1 x 20 W class-D audio amplifie
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8928ST Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA8928ST Datasheet HTML 13Page - NXP Semiconductors TDA8928ST Datasheet HTML 14Page - NXP Semiconductors TDA8928ST Datasheet HTML 15Page - NXP Semiconductors TDA8928ST Datasheet HTML 16Page - NXP Semiconductors TDA8928ST Datasheet HTML 17Page - NXP Semiconductors TDA8928ST Datasheet HTML 18Page - NXP Semiconductors TDA8928ST Datasheet HTML 19Page - NXP Semiconductors TDA8928ST Datasheet HTML 20Page - NXP Semiconductors TDA8928ST Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
2004 May 05
17
Philips Semiconductors
Preliminary specification
Power stage 2 x 10 or 1 x 20 W class-D
audio amplifier
TDA8928J
15.5
Curves measured in reference design
handbook, halfpage
MGX383
10−2
10−1
110
102
THD
+ N
(%)
102
10
1
10−1
10−2
10−3
Po (W)
(2)
(1)
(3)
Fig.9 THD + N as function of output power.
2
× 8 Ω SE; VP = ±12.5 V.
(1) 6 kHz.
(2) 1 kHz.
(3) 100 Hz.
handbook, halfpage
MGX384
10
102
103
104
105
102
10
1
10−1
10−3
10−2
fi (Hz)
THD
+ N
(%)
(1)
(2)
Fig.10 THD + N as function of frequency.
2
× 8 Ω SE; VP = ±12.5 V.
(1) Po =10W.
(2) Po =1W.
handbook, halfpage
010
100
0
20
40
60
80
2468
η
(%)
Po (W)
MGX385
Fig.11 Efficiency as function of output power.
2
× 8 Ω SE; VP = ±12.5 V; fi = 1 kHz.
handbook, halfpage
(4)
MGX386
SVRR
(dB)
−60
−50
−30
−40
−20
−10
0
fi (Hz)
10
102
103
104
105
(2)
(1)
(3)
Fig.12 SVRR as function of frequency.
VP = ±12.5 V; Vripple(p-p) =2V.
(1) Both supply lines in phase.
(2) One supply line (VSS) rippled.
(3) One supply line (VDD) rippled.
(4) Both supply lines in antiphase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com