Electronic Components Datasheet Search
  English  ▼

X  

TDA8928ST Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TDA8928ST
Description  Power stage 2 x 10 or 1 x 20 W class-D audio amplifie
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8928ST Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TDA8928ST Datasheet HTML 12Page - NXP Semiconductors TDA8928ST Datasheet HTML 13Page - NXP Semiconductors TDA8928ST Datasheet HTML 14Page - NXP Semiconductors TDA8928ST Datasheet HTML 15Page - NXP Semiconductors TDA8928ST Datasheet HTML 16Page - NXP Semiconductors TDA8928ST Datasheet HTML 17Page - NXP Semiconductors TDA8928ST Datasheet HTML 18Page - NXP Semiconductors TDA8928ST Datasheet HTML 19Page - NXP Semiconductors TDA8928ST Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
2004 May 05
16
Philips Semiconductors
Preliminary specification
Power stage 2 x 10 or 1 x 20 W class-D
audio amplifier
TDA8928J
C19, C20, C21,
C22, C39, C42
2.2 nF, 50 V
SMD0805
C12, C13
15 nF, 50 V
SMD0805
C40, C41
47 nF, 50 V
SMD1206
C1, C2, C16, C17,
C26, C38
100 nF, 50 V
SMD0805
C8, C9, C10, C11,
C34, C35
220 nF, 50 V
SMD1206
C8 to C11 used as jumper
C32, C33
470 nF, 63 V
MKT
C24, C25
1
µF, 16 V
SMD1206
1206 due to supply range
C7, C14, C15,
C27
22
µF, 100 V
Panasonic NHG Series
ECA1JHG220
63 V is OK
C3, C4, C5, C6
470
µF, 35 V
Panasonic M Series
ECA1VM471
C18, C23, C36
these capacitors have been
removed
Resistors
R10, R26, R28,
R29
0
Ω
SMD1206
used as jumpers
R24
0
Ω
SMD0805
short-circuited in a new
printed-circuit board layout
R19, R21
5.6
Ω, 0.25 W
SMD1206
1206 due to dissipation
R22, R23
22
Ω, 1 W
SMD2512
2512 due to dissipation
R35
150
Ω
SMD1206
used as jumper
R32
100
Ω
SMD1206
used as jumper
R9
1 k
Ω
SMD1206
used as jumper
R3, R4, R16
1 k
Ω
SMD0805
R11, R12
2 k
Ω
SMD1206
used as jumpers
R25
2 k
Ω
SMD0805
R7, R8, R33, R34
3.9 k
Ω
SMD0805
R17
5.6 k
Ω
SMD0805
R1, R2, R15
10 k
Ω
SMD0805
R13, R14
15 k
Ω
SMD0805
R30, R31
39 k
Ω
SMD0805
R5, R6
220 k
Ω
SMD0805
R18, R20, R27
these resistors have been
removed
COMPONENT
DESCRIPTION
TYPE
COMMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com