Electronic Components Datasheet Search
  English  ▼

X  

TDA8928ST Datasheet(PDF) 12 Page - NXP Semiconductors

Part # TDA8928ST
Description  Power stage 2 x 10 or 1 x 20 W class-D audio amplifie
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8928ST Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TDA8928ST Datasheet HTML 8Page - NXP Semiconductors TDA8928ST Datasheet HTML 9Page - NXP Semiconductors TDA8928ST Datasheet HTML 10Page - NXP Semiconductors TDA8928ST Datasheet HTML 11Page - NXP Semiconductors TDA8928ST Datasheet HTML 12Page - NXP Semiconductors TDA8928ST Datasheet HTML 13Page - NXP Semiconductors TDA8928ST Datasheet HTML 14Page - NXP Semiconductors TDA8928ST Datasheet HTML 15Page - NXP Semiconductors TDA8928ST Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
2004 May 05
12
Philips Semiconductors
Preliminary specification
Power stage 2 x 10 or 1 x 20 W class-D
audio amplifier
TDA8928J
15.1
SE application
For a SE application the application diagram as shown in Fig.5 can be used.
15.2
Package ground connection
The heatsink of the TDA8928J is connected internally to VSS.
15.3
Output power
The output power in SE self oscillating class-D applications can be estimated using the formula
The maximum current
should not exceed 2 A.
Where:
RL = load impedance
Rs = series resistance of filter coil
Po(1%) = output power just at clipping.
The output power at THD = 10 %: Po(10%) = 1.25 × Po(1%).
15.4
Reference design
The reference design for a self oscillating class-D system for the TDA8928J is shown in Fig.5. The Printed-Circuit Board
(PCB) layout is shown in Figs 6, 7 and 8. The bill of materials is given in Section 15.4.2.
P
o(1%)
R
L
R
L
R
ds(on)
R
s
++
()
------------------------------------------------
V
P
×
2
2R
L
×
----------------------------------------------------------------------
=
I
O(max)
V
P
[]
R
L
R
ds(on)
R
s
++
-------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com