Electronic Components Datasheet Search
  English  ▼

X  

TDA8928ST Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA8928ST
Description  Power stage 2 x 10 or 1 x 20 W class-D audio amplifie
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8928ST Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA8928ST Datasheet HTML 14Page - NXP Semiconductors TDA8928ST Datasheet HTML 15Page - NXP Semiconductors TDA8928ST Datasheet HTML 16Page - NXP Semiconductors TDA8928ST Datasheet HTML 17Page - NXP Semiconductors TDA8928ST Datasheet HTML 18Page - NXP Semiconductors TDA8928ST Datasheet HTML 19Page - NXP Semiconductors TDA8928ST Datasheet HTML 20Page - NXP Semiconductors TDA8928ST Datasheet HTML 21Page - NXP Semiconductors TDA8928ST Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
2004 May 05
18
Philips Semiconductors
Preliminary specification
Power stage 2 x 10 or 1 x 20 W class-D
audio amplifier
TDA8928J
handbook, halfpage
0
100
20
40
60
80
MGX387
10−1
10−2
Po (W)
S/N
(dB)
110
102
Fig.13 S/N as function of output power.
2
× 8 Ω SE; VP = ±12.5 V.
handbook, halfpage
−100
0
−80
−60
−40
−20
MGX388
102
10
fi (Hz)
α
cs
(dB)
103
104
105
(1)
(2)
Fig.14 Channel separation as function of
frequency.
2
× 8 Ω SE; VP = ±12.5 V.
(1) Po =1W.
(2) Po =10W.
handbook, halfpage
10
35
15
20
25
30
MDB624
102
10
fi (Hz)
G
(dB)
103
104
105
Fig.15 Gain as function of frequency.
2
× 8 Ω SE; VP = ±12.5 V; Vi = 100 mV.
handbook, halfpage
10
(1)
20
24
4
8
12
16
20
12
Po
(W)
VP (V)
14
16
18
MGX389
(2)
Fig.16 Output power as function of supply voltage.
THD + N = 10 %; fi = 1 kHz.
(1) 2
× 8 Ω SE.
(2) 2
× 16 Ω SE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com