Electronic Components Datasheet Search
  English  ▼

X  

LM4935 Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4935
Description  Audio Sub-System with Dual-Mode Stereo Headphone and Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4935 Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button LM4935 Datasheet HTML 28Page - National Semiconductor (TI) LM4935 Datasheet HTML 29Page - National Semiconductor (TI) LM4935 Datasheet HTML 30Page - National Semiconductor (TI) LM4935 Datasheet HTML 31Page - National Semiconductor (TI) LM4935 Datasheet HTML 32Page - National Semiconductor (TI) LM4935 Datasheet HTML 33Page - National Semiconductor (TI) LM4935 Datasheet HTML 34Page - National Semiconductor (TI) LM4935 Datasheet HTML 35Page - National Semiconductor (TI) LM4935 Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 112 page
background image
12.0 Status & Control Registers (Continued)
12.11 ADC_2 CONFIGURATION REGISTER
This register is used to control the LM4935’s audio ADC.
TABLE 12. ADC_2 (0x07h)
Bits
Field
Description
0
ULAW/ALAW
If COMPAND is set then the data across the PCM interface to the DAC and from the ADC is
companded as follows:
ULAW/ALAW
Commanding Type
0
µ-law
1
A-law
1
COMPAND
If set the 16 bit PCM data from the ADC is companded before the PCM interface and the PCM
data to the DAC is treated as companded data.
2
ADC_MUTE
If set the analog inputs to the ADC are muted.
5:3
AGC_FRAME_TIME
This sets the frame time to be used by the AGC algorithm. In a given frame, the AGC’s peak
detector determines the peak value of the incoming microphone audio signal and compares this
value to the target value of the AGC defined by AGC_TARGET (bits [3:1] of register (0x08h)) in
order to adjust the microphone preamplifiers gain accordingly. AGC_FRAME_TIME basically sets
the sample rate of the AGC to adjust for a wide variety of speech patterns. (Note 15)
AGC_FRAME_TIME
Time (ms)
000
2
96
001
2
128
010
2
192
011
2
256
100
2
384
101
2
512
110
2
768
111
2
1000
6
ADC_I2S_M
If set the DAC clock system is enabled to drive the I2S in master mode. The Point B frequency
should be double that at Point C. This bit should be set when using the I2S interface in master
mode to read SAR information whenever both the audio ADC and DAC are inactive.
7
AUDIO_IF_2_16BIT
If set the PCM and I2S interfaces are 16 bits per word in master mode. The 2 last clock cycles per
word are 25% shorter to allow generation.
Note 15: Refer to the AGC overview for further detail.
www.national.com
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com