Electronic Components Datasheet Search
  English  ▼

X  

LM4935 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4935
Description  Audio Sub-System with Dual-Mode Stereo Headphone and Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4935 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM4935 Datasheet HTML 7Page - National Semiconductor (TI) LM4935 Datasheet HTML 8Page - National Semiconductor (TI) LM4935 Datasheet HTML 9Page - National Semiconductor (TI) LM4935 Datasheet HTML 10Page - National Semiconductor (TI) LM4935 Datasheet HTML 11Page - National Semiconductor (TI) LM4935 Datasheet HTML 12Page - National Semiconductor (TI) LM4935 Datasheet HTML 13Page - National Semiconductor (TI) LM4935 Datasheet HTML 14Page - National Semiconductor (TI) LM4935 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 112 page
background image
10.0 Electrical Characteristics (Notes 1, 2) Unless otherwise stated PLL_V
DD = 3.3V, D_VDD = 3.3V,
BB_VDD = 1.8V, A_VDD = 3.3V, LS_VDD = 3.3V. The following specifications apply for the circuit shown in Figure 2 unless
otherwise stated. Limits apply for 25˚C. (Continued)
Symbol
Parameter
Conditions
LM4935
Units
Typical
(Note 6)
Limit
(Note 7)
STEREO DAC
R
DAC
DAC Ripple
0.1
dB
PB
DAC
DAC Passband
20
kHz
SBA
DAC
DAC Stopband Attenuation
70
dB
SNR
DAC
DAC Signal to Noise Ratio
A-weighted, AUXOUT
88
dB
DR
DAC
DAC Dynamic Range
96
dB
DAC
LEVEL
DAC Full Scale Output Level
1
V
RMS
PLL
F
IN
Input Frequency Range
Min
0.5
MHz
Max
30
MHz
I2S/PCM
f
I2SCLK
I2S CLK Frequency
f
S = 48kHz; 16 bit mode
1.536
MHz
f
S = 48kHz; 25 bit mode
2.4
MHz
f
S = 8kHz; 16 bit mode
0.256
MHz
f
S = 8kHz; 25 bit mode
0.4
MHz
f
PCMCLK
PCM CLK Frequency
f
S = 48kHz; 16 bit mode
0.768
MHz
f
S = 48kHz; 25 bit mode
1.2
MHz
f
S = 8kHz; 16 bit mode
0.128
MHz
f
S = 8kHz; 25 bit mode
0.2
MHz
DC
I2S_CLK
I2S_CLK Duty Cycle
Min
40
% (min)
Max
60
%
(max)
DC
I2S_WS
I2S_WS Duty Cycle
50
%
I2C
T
I2CSET
I2C Data Setup Time
Refer to Pg. 18 for more details
100
ns (min)
T
I2CHOLD
I2C Data Hold Time
Refer to Pg. 18 for more details
300
ns (min)
SPI
T
SPISETENB
Enable Setup Time
100
ns (min)
T
SPIHOLD-ENB
Enable Hold Time
100
ns (min)
T
SPISETD
Data Setup Time
100
ns (min)
T
SPIHOLDD
Data Hold Time
100
ns (min)
T
SPICL
Clock Low Time
500
ns (min)
T
SPICH
Clock High Time
500
ns (min)
VOLUME CONTROL
VCR
AUX
AUX Volume Control Range
Minimum Gain w/ AUX_BOOST OFF
–46.5
dB
Maximum Gain w/ AUX_BOOST
OFF
0dB
Minimum Gain w/ AUX_BOOST ON
–34.5
dB
Maximum Gain w/ AUX_BOOST ON
12
dB
VCR
DAC
DAC Volume Control Range
Minimum Gain w/ DAC_BOOST OFF
–46.5
dB
Maximum Gain w/ DAC_BOOST
OFF
0dB
Minimum Gain w/ DAC_BOOST ON
–34.5
dB
Maximum Gain w/ DAC_BOOST ON
12
dB
VCR
CPIN
CPIN Volume Control Range
Minimum Gain
–34.5
dB
Maximum Gain
12
dB
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com