Electronic Components Datasheet Search
  English  ▼

X  

LM4935 Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4935
Description  Audio Sub-System with Dual-Mode Stereo Headphone and Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4935 Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button LM4935 Datasheet HTML 41Page - National Semiconductor (TI) LM4935 Datasheet HTML 42Page - National Semiconductor (TI) LM4935 Datasheet HTML 43Page - National Semiconductor (TI) LM4935 Datasheet HTML 44Page - National Semiconductor (TI) LM4935 Datasheet HTML 45Page - National Semiconductor (TI) LM4935 Datasheet HTML 46Page - National Semiconductor (TI) LM4935 Datasheet HTML 47Page - National Semiconductor (TI) LM4935 Datasheet HTML 48Page - National Semiconductor (TI) LM4935 Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 112 page
background image
12.0 Status & Control Registers (Continued)
12.24 AUX_OUTPUT CONFIGURATION REGISTER
This register is used to control the differential auxiliary output. (Note 25)
TABLE 25. AUX_OUTPUT (0x13h)
Bits
Field
Description
0
CPI_SELECT
If set the cell phone input channel of the mixer is added to the aux output signal.
1
RIGHT_SELECT
If set the right channel of the mixer is added to the aux output signal.
2
LEFT_SELECT
If set the left channel of the mixer is added to the aux output signal.
3
AUX_MUTE
If set the aux output is muted.
Note 25: The gain of the auxiliary output amplifier is 0 dB. If a second (external) loudspeaker amplifier is to be used its gain should be set to 12 dB to match the
onboard loudspeaker amplifier gain.
www.national.com
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com