Electronic Components Datasheet Search
  English  ▼

X  

LM4935 Datasheet(PDF) 53 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4935
Description  Audio Sub-System with Dual-Mode Stereo Headphone and Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4935 Datasheet(HTML) 53 Page - National Semiconductor (TI)

Back Button LM4935 Datasheet HTML 49Page - National Semiconductor (TI) LM4935 Datasheet HTML 50Page - National Semiconductor (TI) LM4935 Datasheet HTML 51Page - National Semiconductor (TI) LM4935 Datasheet HTML 52Page - National Semiconductor (TI) LM4935 Datasheet HTML 53Page - National Semiconductor (TI) LM4935 Datasheet HTML 54Page - National Semiconductor (TI) LM4935 Datasheet HTML 55Page - National Semiconductor (TI) LM4935 Datasheet HTML 56Page - National Semiconductor (TI) LM4935 Datasheet HTML 57Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 112 page
background image
12.0 Status & Control Registers (Continued)
12.30 STATUS REGISTER
This register is used to report the status of the device.
TABLE 30. STATUS (0x18h)
Bits
Field
Description
0
HEADSET
This field is high when headset presence is detected (only valid if the detection system is
enabled). (Note 29)
1
STEREO_
HEADSET
This field is high when a headset with stereo speakers is detected (only valid if the detection
system is enabled). (Note 29)
2
MIC
This field is high when a headset with a microphone is detected (only valid if the detection system
is enabled). (Note 29)
3
BTN
This field is high when the button on the headset is pressed (only valid if the detection system is
enabled). IRQ is cleared when the button has been released and this register has been written
to.
4
SAR TRIG 1
If this field is high then an event has happened on SAR trigger 1 (write to this register to clear
IRQ).
5
SAR TRIG 2
If this field is high then an event has happened on SAR trigger 2 (write to this register to clear
IRQ).
6
TEMP
If this field is high then a temperature event has occurred (write to this register to clear IRQ). This
field will stay high even when the IRQ is cleared so long as the event occurs. This bit is only valid
whenever the loudspeaker amplifier is turned off.
7
GPIN
When GPIO_SEL is set to a readable configuration a digital input on GPIO1 can be read back
here.
Note 29: The detection IRQ is cleared when this register has been written to.
www.national.com
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com