Electronic Components Datasheet Search
  English  ▼

X  

LM4935 Datasheet(PDF) 73 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4935
Description  Audio Sub-System with Dual-Mode Stereo Headphone and Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4935 Datasheet(HTML) 73 Page - National Semiconductor (TI)

Back Button LM4935 Datasheet HTML 69Page - National Semiconductor (TI) LM4935 Datasheet HTML 70Page - National Semiconductor (TI) LM4935 Datasheet HTML 71Page - National Semiconductor (TI) LM4935 Datasheet HTML 72Page - National Semiconductor (TI) LM4935 Datasheet HTML 73Page - National Semiconductor (TI) LM4935 Datasheet HTML 74Page - National Semiconductor (TI) LM4935 Datasheet HTML 75Page - National Semiconductor (TI) LM4935 Datasheet HTML 76Page - National Semiconductor (TI) LM4935 Datasheet HTML 77Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 112 page
background image
13.0 Typical Performance Characteristics (Continued)
MONO ADC HPF Frequency Response
f
S = 24kHz, 36dB MIC
(from left to right: HPF_MODE ’00’, ’10’, ’01’)
MONO ADC HPF Frequency Response
f
S = 32kHz, 36dB MIC
(from left to right: HPF_MODE ’00’, ’10’, ’01’)
20134165
20134166
MONO ADC THD+N
vs MIC Input Voltage
(f
S = 8kHz, 6dB MIC)
MONO ADC THD+N
vs MIC Input Voltage
(f
S = 8kHz, 36dB MIC)
20134167
20134168
MONO ADC PSRR vs Frequency
AV
DD = 3.3V, 6dB MIC
MONO ADC PSRR vs Frequency
AV
DD = 5V, 6dB MIC
20134170
20134171
www.national.com
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com