Electronic Components Datasheet Search
  English  ▼

X  

LM4935 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4935
Description  Audio Sub-System with Dual-Mode Stereo Headphone and Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4935 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM4935 Datasheet HTML 3Page - National Semiconductor (TI) LM4935 Datasheet HTML 4Page - National Semiconductor (TI) LM4935 Datasheet HTML 5Page - National Semiconductor (TI) LM4935 Datasheet HTML 6Page - National Semiconductor (TI) LM4935 Datasheet HTML 7Page - National Semiconductor (TI) LM4935 Datasheet HTML 8Page - National Semiconductor (TI) LM4935 Datasheet HTML 9Page - National Semiconductor (TI) LM4935 Datasheet HTML 10Page - National Semiconductor (TI) LM4935 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 112 page
background image
7.0 Connection Diagrams (Continued)
Pin Descriptions (Continued)
Pin
Pin Name
Type
Direction
Description
E2
HP_VMID_FB
Analog
Inout
VMID Feedback in OCL mode, otherwise a 2nd headset detection input
E3
MIC_DET
Analog
Input
Headset insertion/removal and Microphone presence detection input
E4
CPI_NEG
Analog
Input
Cell Phone analog input negative
E5
IRQ
Digital
Output
Interrupt request signal (NOT open drain)
E6
I2S_SDO
Digital
Output
I2S Serial Data Out
E7
I2S_SDI
Digital
Input
I2S Serial Data Input
F1
LS_V
DD
Supply
Input
Loudspeaker V
DD
F2
LS_V
DD
Supply
Input
Loudspeaker V
DD
F3
CPI_POS
Analog
Input
Cell Phone analog input positive
F4
CPO_NEG
Analog
Output
Cell Phone analog output negative
F5
AUX_OUT_NEG
Analog
Output
Auxiliary analog output negative
F6
I2S_WS
Digital
Inout
I2S Word Select Signal (can be master or slave)
F7
I2S_CLK
Digital
Inout
I2S Clock Signal (can be master or slave)
G1
LS_POS
Analog
Output
Loudspeaker positive output
G2
LS_V
SS
Supply
Input
Loudspeaker V
SS
G3
LS_NEG
Analog
Output
Loudspeaker negative output
G4
CPO_POS
Analog
Output
Cell Phone analog output positive
G5
AUX_OUT_POS
Analog
Output
Auxiliary analog output positive
G6
D_V
SS
Supply
Input
Digital V
SS
G7
MCLK
Digital
Input
Input clock from 0.5 MHz to 30 MHz
7.1 PIN TYPE DEFINITIONS
Analog Input —
A pin that is used by the analog and is
never driven by the device. Supplies are
part of this classification.
Analog Output — A pin that is driven by the device and
should not be driven by external sources.
Analog Inout —
A pin that is typically used for filtering a
DC signal within the device, Passive com-
ponents can be connected to these pins.
Digital Input —
A pin that is used by the digital but is
never driven.
Digital Output —
A pin that is driven by the device and
should not be driven by another device to
avoid contention.
Digital Inout —
A pin that is either open drain (I2C_SDA)
or a bidirectional CMOS in/out. In the
later case the direction is selected by a
control register within the LM4935.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com