Electronic Components Datasheet Search
  English  ▼

X  

LM4935 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4935
Description  Audio Sub-System with Dual-Mode Stereo Headphone and Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4935 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM4935 Datasheet HTML 4Page - National Semiconductor (TI) LM4935 Datasheet HTML 5Page - National Semiconductor (TI) LM4935 Datasheet HTML 6Page - National Semiconductor (TI) LM4935 Datasheet HTML 7Page - National Semiconductor (TI) LM4935 Datasheet HTML 8Page - National Semiconductor (TI) LM4935 Datasheet HTML 9Page - National Semiconductor (TI) LM4935 Datasheet HTML 10Page - National Semiconductor (TI) LM4935 Datasheet HTML 11Page - National Semiconductor (TI) LM4935 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 112 page
background image
8.0 Absolute Maximum Ratings
(Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Analog Supply Voltage
(A_V
DD & LS_VDD)
6.0V
Digital Supply Voltage
(BB_V
DD & D_VDD & PLL_VDD)
6.0V
Storage Temperature
−65˚C to +150˚C
Power Dissipation (Note 3)
Internally Limited
ESD Susceptibility
Human Body Model (Note 4)
Machine Model (Note 5)
2500V
200V
Junction Temperature
150˚C
Thermal Resistance
θ
JA – WLA49 (soldered down
to PCB with 2in
2 1oz. copper
plane)
60˚C/W
Soldering Information
See AN-1279 for Microfil
TM package information. Peak
reflow temperature should not exceed 235˚C.
9.0 Operating Ratings
Temperature Range
−40˚C to +85˚C
Supply Voltage
D_V
DD/PLL_VDD
BB_V
DD
LS_V
DD/A_VDD
2.7V to 4.5V
1.8V to 4.5V
2.7V to 5.5V
10.0 Electrical Characteristics (Notes 1, 2) Unless otherwise stated PLL_V
DD = 3.3V, D_VDD = 3.3V,
BB_V
DD = 1.8V, A_VDD = 3.3V, LS_VDD = 3.3V. The following specifications apply for the circuit shown in Figure 2 unless
otherwise stated. Limits apply for 25˚C.
Symbol
Parameter
Conditions
LM4935
Units
Typical
(Note 6)
Limit
(Note 7)
DC CURRENT CONSUMPTION
DI
SD
Digital Shutdown Current
Chip Mode ’00’, f
MCLK = 13MHz
0.7
µA
Chip Mode ’00’, f
MCLK = 19.2MHz
0.7
5
µA
(max)
DI
ST
Digital Standby Current
Chip Mode ’01’, f
MCLK = 13MHz
1.5
mA
Chip Mode ’01’, f
MCLK = 19.2MHz
2.2
3
mA
(max)
DI
DD
Digital Active Current
Chip Mode ’10’, f
MCLK = 13MHz,
DAC, ADC, SAR OFF
1.5
mA
Chip Mode ’10’, f
MCLK = 19.2MHz,
DAC, ADC, SAR OFF
2.2
mA
Chip Mode ’10’, f
MCLK = 13MHz
DAC, ADC, SAR ON
11.2
mA
Chip Mode ’10’, f
MCLK = 19.2MHz,
DAC, ADC, SAR ON
16.2
20
mA
(max)
AI
SD
Analog Shutdown Current
Chip Mode ’00’
0.2
3
µA
(max)
AI
ST
Analog Standby Current
Chip Mode ’01’,
No headset inserted
0.2
3
µA
(max)
AI
DD
Analog Active Current
All Outputs OFF, SE MODE
6.1
mA
All Outputs OFF, OCL MODE
5.7
mA
All Outputs ON, SE MODE
18.3
mA
All Outputs ON, OCL MODE
18.7
28
mA
(max)
PLLI
DD
PLL Active Current
f
MCLK =13MHz
f
PLLOUT = 12 MHz, PLL ON only
4.2
mA
f
MCLK = 19.2 MHz
f
PLLOUT = 12 MHz, PLL ON only
6.2
mA
ADCI
DD
ADC Active Current
f
MCLK = 13MHz, ADC ON only
2.5
mA
f
MCLK = 19.2MHz, ADC ON only
3.6
mA
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com