Electronic Components Datasheet Search
  English  ▼

X  

LM4935 Datasheet(PDF) 55 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4935
Description  Audio Sub-System with Dual-Mode Stereo Headphone and Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4935 Datasheet(HTML) 55 Page - National Semiconductor (TI)

Back Button LM4935 Datasheet HTML 51Page - National Semiconductor (TI) LM4935 Datasheet HTML 52Page - National Semiconductor (TI) LM4935 Datasheet HTML 53Page - National Semiconductor (TI) LM4935 Datasheet HTML 54Page - National Semiconductor (TI) LM4935 Datasheet HTML 55Page - National Semiconductor (TI) LM4935 Datasheet HTML 56Page - National Semiconductor (TI) LM4935 Datasheet HTML 57Page - National Semiconductor (TI) LM4935 Datasheet HTML 58Page - National Semiconductor (TI) LM4935 Datasheet HTML 59Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 112 page
background image
12.0 Status & Control Registers (Continued)
12.32 DIGITAL AUDIO DATA FORMATS
I2S master mode can only be used when the DAC is enabled unless the ADC_I2S_M bit is set. PCM Master mode can only be
used when the ADC is enabled. If the PCM receiver interface is operated in slave mode the clock and sync should be enabled
at the same time as the PCM receiver uses the first PCM frame to calculate the PCM interface format. This format can not be
changed unless a soft reset is issued. It is strongly recommended that the LM4935 is operated in master mode as this eliminates
the risk of sample rate mismatch between the data converters and the audio interfaces.
In master mode the I2S_CLK has a 60/40 duty cycle and a frequency of 50*fs. In slave mode the PCM and I2S receivers only
record the 1st 16 and 18 bits of the serial words respectively. The I2S format is as follows:
When SAR SDO data is passed to the I2S, it is left aligned (MSB aligned) to allow lower I2S resolutions to be used.
If the DAC is driven from the PCM interface then the left channel of the DAC is used and the right channel is inactive.
20134115
FIGURE 10. I
2S Serial Data Format (Default Mode)
20134116
FIGURE 11. PCM Serial Data Format (16 bit Slave Example)
www.national.com
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com