Electronic Components Datasheet Search
  English  ▼

X  

LM4935 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4935
Description  Audio Sub-System with Dual-Mode Stereo Headphone and Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4935 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM4935 Datasheet HTML 8Page - National Semiconductor (TI) LM4935 Datasheet HTML 9Page - National Semiconductor (TI) LM4935 Datasheet HTML 10Page - National Semiconductor (TI) LM4935 Datasheet HTML 11Page - National Semiconductor (TI) LM4935 Datasheet HTML 12Page - National Semiconductor (TI) LM4935 Datasheet HTML 13Page - National Semiconductor (TI) LM4935 Datasheet HTML 14Page - National Semiconductor (TI) LM4935 Datasheet HTML 15Page - National Semiconductor (TI) LM4935 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 112 page
background image
10.0 Electrical Characteristics (Notes 1, 2) Unless otherwise stated PLL_V
DD = 3.3V, D_VDD = 3.3V,
BB_VDD = 1.8V, A_VDD = 3.3V, LS_VDD = 3.3V. The following specifications apply for the circuit shown in Figure 2 unless
otherwise stated. Limits apply for 25˚C. (Continued)
Symbol
Parameter
Conditions
LM4935
Units
Typical
(Note 6)
Limit
(Note 7)
VOLUME CONTROL
VCR
MIC
MIC Volume Control Range
Minimum Gain
6
dB
Maximum Gain
36
dB
VCR
SIDE
SIDETONE Volume Control Range
Minimum Gain
–30
dB
Maximum Gain
0
dB
SS
AUX
AUX VCR Stepsize
1.5
dB
SS
DAC
DAC VCR Stepsize
1.5
dB
SS
CPIN
CPIN VCR Stepsize
1.5
dB
SS
MIC
MIC VCR Stepsize
2
dB
SS
SIDE
SIDETONE VCR Stepsize
3
dB
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com