Electronic Components Datasheet Search
  English  ▼

X  

LM4935 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4935
Description  Audio Sub-System with Dual-Mode Stereo Headphone and Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4935 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM4935 Datasheet HTML 5Page - National Semiconductor (TI) LM4935 Datasheet HTML 6Page - National Semiconductor (TI) LM4935 Datasheet HTML 7Page - National Semiconductor (TI) LM4935 Datasheet HTML 8Page - National Semiconductor (TI) LM4935 Datasheet HTML 9Page - National Semiconductor (TI) LM4935 Datasheet HTML 10Page - National Semiconductor (TI) LM4935 Datasheet HTML 11Page - National Semiconductor (TI) LM4935 Datasheet HTML 12Page - National Semiconductor (TI) LM4935 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 112 page
background image
10.0 Electrical Characteristics (Notes 1, 2) Unless otherwise stated PLL_V
DD = 3.3V, D_VDD = 3.3V,
BB_VDD = 1.8V, A_VDD = 3.3V, LS_VDD = 3.3V. The following specifications apply for the circuit shown in Figure 2 unless
otherwise stated. Limits apply for 25˚C. (Continued)
Symbol
Parameter
Conditions
LM4935
Units
Typical
(Note 6)
Limit
(Note 7)
DC CURRENT CONSUMPTION
DACI
DD
DAC Active Current
f
MCLK = 13MHz, DAC ON only;
PLL OFF, f
S = 48kHz
7.4
mA
f
MCLK = 19.2MHz, DAC ON only
PLL OFF; f
S = 48kHz
10.7
mA
SARI
DD
SAR Active Current
f
MCLK = 13MHz, SAR ON only
1.6
mA
f
MCLK = 19.2MHz, SAR ON only
2.3
mA
LSI
DD
Loudspeaker Quiescent Current
LS ON only
8.8
mA
HPI
DD
Headphone Quiescent Current
HP ON only, SE MODE
3.5
mA
HP ON only, OCL MODE
3.9
mA
EPI
DD
Earpiece Quiescent Current
EP ON only
4.4
mA
AUXI
DD
AUXOUT Quiescent Current
AUXOUT ON only
4.8
mA
CPOUTI
DD
CPOUT Quiescent Current
CPOUT ON only
4.8
mA
LOUDSPEAKER AMPLIFIER
P
LS
Max Loudspeaker Power
8
Ω load, LS_V
DD = 5V
1.3
W
8
Ω load, LS_V
DD = 4.2V
0.9
W
8
Ω load, LS_V
DD = 3.3V
0.6
0.44
W (min)
LS
THD+N
Loudspeaker Harmonic Distortion
8
Ω load, LS_V
DD = 3.3V,
P
O = 400mW
0.4
%
LS
EFF
Efficiency
0 dB Input
MCLK = 12.000 MHz
84
%
PSRR
LS
Power Supply Rejection Ration
(Loudspeaker)
AUX inputs terminated
C
BYPASS = 1.0 µF
V
RIPPLE = 200 mVP-P
f
RIPPLE = 217 Hz
54
dB
SNR
LS
Signal to Noise Ratio
From 0 dB Analog AUX input at
1 kHz, A-weighted
76
dB
e
N
Output Noise
A-weighted
350
µV
V
OS
Offset Voltage
7
mV
HEADPHONE AMPLIFIER
P
HP
Headphone Power
32
Ω load, 3.3V, SE
33
20
mW
(min)
16
Ω load, 3.3V, SE
52
mW
32
Ω load, 3.3V, OCL, VCM = 1.5V
31
mW
32
Ω load, 3.3V, OCL, VCM = 1.2V
20
mW
16
Ω load, 3.3V, OCL, VCM = 1.5V
50
mW
16
Ω load, 3.3V, OCL, VCM = 1.2V
32
mW
PSRR
HP
Power Supply Rejection Ratio
(Headphones)
AUX inputs terminated
C
BYPASS = 1.0 µF
V
RIPPLE = 200 mVP-P
f
RIPPLE = 217 Hz
SE Mode
60
dB
OCL Mode
VCM = 1.2V
68
dB
OCL Mode
VCM = 1.5V
65
dB
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com