Electronic Components Datasheet Search
  English  ▼

X  

LM4935 Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4935
Description  Audio Sub-System with Dual-Mode Stereo Headphone and Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4935 Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button LM4935 Datasheet HTML 29Page - National Semiconductor (TI) LM4935 Datasheet HTML 30Page - National Semiconductor (TI) LM4935 Datasheet HTML 31Page - National Semiconductor (TI) LM4935 Datasheet HTML 32Page - National Semiconductor (TI) LM4935 Datasheet HTML 33Page - National Semiconductor (TI) LM4935 Datasheet HTML 34Page - National Semiconductor (TI) LM4935 Datasheet HTML 35Page - National Semiconductor (TI) LM4935 Datasheet HTML 36Page - National Semiconductor (TI) LM4935 Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 112 page
background image
12.0 Status & Control Registers (Continued)
12.12 AGC_1 CONFIGURATION REGISTER
This register is used to control the LM4935’s Automatic Gain Control. (Note 16)
TABLE 13. AGC_1 (0x08h)
Bits
Field
Description
0
AGC_ENABLE
If set the AGC controls the analog microphone preamplifier gain into the system. The microphone
input must be passed to the ADC.
3:1
AGC_TARGET
Programs the target level of the AGC. This will depend on the expected transients and desired
headroom. Refer to AGC_TIGHT (bit 7 of 0x09h) for more detail.
AGC_TARGET
Target Level
000
2
−6 dB
001
2
−8 dB
010
2
−10 dB
011
2
−12 dB
100
2
−14 dB
101
2
−16 dB
110
2
−18 dB
111
2
−20 dB
4
NOISE_GATE_ON
If set, signals below the noise gate threshold are muted.The noise gate is only activated after a set
period of signal absence.
7:5
NOISE_
GATE_
THRES
This field sets the expected background noise level relative to the peak signal level. The sole
presence of signals below this level will not result in an AGC gain change of the input and will be
gated from the ADC output if the NOISE_GATE_ON is set. This level must be set even if the noise
gate is not in use as it is required by the AGC algorithm.
NOISE_GATE_THRES
Level
000
2
−72 dB
001
2
−66 dB
010
2
−60 dB
011
2
−54 dB
100
2
−48 dB
101
2
−42 dB
110
2
−36 dB
111
2
−30 dB
Note 16: See the AGC overview.
www.national.com
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com