Electronic Components Datasheet Search
  English  ▼

X  

PR533 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PR533
Description  USB NFC integrated reader solution
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PR533 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PR533 Datasheet HTML 14Page - NXP Semiconductors PR533 Datasheet HTML 15Page - NXP Semiconductors PR533 Datasheet HTML 16Page - NXP Semiconductors PR533 Datasheet HTML 17Page - NXP Semiconductors PR533 Datasheet HTML 18Page - NXP Semiconductors PR533 Datasheet HTML 19Page - NXP Semiconductors PR533 Datasheet HTML 20Page - NXP Semiconductors PR533 Datasheet HTML 21Page - NXP Semiconductors PR533 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
PR533_SDS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.6 — 27 October 2014
206436
18 of 36
NXP Semiconductors
PR533
USB NFC integrated reader solution
Table 19.
USB DP/DM differential receiver input levels
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDI
differential input sen-
sitivity voltage
-
0.2
--V
VCM
differential common
mode voltage range
-
0.8
-
2.5
V
Table 20.
USB DP/DM driver characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tr
rise time
CL = 50 pF;
10 % to 90 %
of (VOH - VOL)
4-
20
ns
tf
fall time
CL = 50 pF;
10 % to 90 %
of (VOH - VOL)
4-
20
ns
tFRFM
differential rise and
fall time matching
(tFR/tFF); excluding
the first transition
from Idle state
90
-
111.1
%
VCRS
output signal cross-
over voltage
excluding the first
transition from Idle
state
1.3
-
2.0
V
Fig 4.
Transmit waveform at DP/DM
001aan914
level 1
level 2
-400 mV differential
+400 mV differential
0 V differential
unit interval
100 %
0 %
point 5
point 6
point 3
point 4
point 1
point 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com