Electronic Components Datasheet Search
  English  ▼

X  

PR533 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PR533
Description  USB NFC integrated reader solution
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PR533 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PR533 Datasheet HTML 21Page - NXP Semiconductors PR533 Datasheet HTML 22Page - NXP Semiconductors PR533 Datasheet HTML 23Page - NXP Semiconductors PR533 Datasheet HTML 24Page - NXP Semiconductors PR533 Datasheet HTML 25Page - NXP Semiconductors PR533 Datasheet HTML 26Page - NXP Semiconductors PR533 Datasheet HTML 27Page - NXP Semiconductors PR533 Datasheet HTML 28Page - NXP Semiconductors PR533 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
PR533_SDS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.6 — 27 October 2014
206436
25 of 36
NXP Semiconductors
PR533
USB NFC integrated reader solution
10.21 Output pin characteristics for TX1/TX2
Table 32.
Output pin characteristics for TX1/TX2
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOH
HIGH-level output voltage
VDD(TVDD) = 3 V;
IO = 32 mA; CWGsN = Fh
-
-
150
mV
VDD(TVDD) = 3 V;
IO = 80 mA; CWGsN = Fh
-
-
400
mV
VOL
LOW-level output voltage
VDD(TVDD) = 2.5 V;
IO = 32 mA; CWGsN = Fh
-
-
240
mV
VDD(TVDD) = 2.5 V;
IO = 80 mA; CWGsN = Fh
-
-
640
mV
Table 33.
Output resistance for TX1/TX2
Symbol Parameter
Conditions1
CWGsP
Min
Typ
Max
Unit
ROH
HIGH-level out-
put resistance
VDD(TVDD) = 3 V; VO =
VDD(TVDD)  100 mV
01h
133
180
251
02h
67
90
125
04h
34
46
62
08h
17
23
31
10h
8.5
12
15.5
20h
4.7
6
7.8
3Fh
2.3
3
4.4
ROL
LOW-level output
resistance
10h
34
46
62
20h
17
23
31
40h
8.5
12
15.5
80h
4.7
6
7.8
F0h
2.3
3
4.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com