Electronic Components Datasheet Search
  English  ▼

X  

PR533 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PR533
Description  USB NFC integrated reader solution
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PR533 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PR533 Datasheet HTML 2Page - NXP Semiconductors PR533 Datasheet HTML 3Page - NXP Semiconductors PR533 Datasheet HTML 4Page - NXP Semiconductors PR533 Datasheet HTML 5Page - NXP Semiconductors PR533 Datasheet HTML 6Page - NXP Semiconductors PR533 Datasheet HTML 7Page - NXP Semiconductors PR533 Datasheet HTML 8Page - NXP Semiconductors PR533 Datasheet HTML 9Page - NXP Semiconductors PR533 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
PR533_SDS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.6 — 27 October 2014
206436
6 of 36
NXP Semiconductors
PR533
USB NFC integrated reader solution
OSCIN
15
I
AVDD
crystal oscillator input: input to the inverting amplifier of the oscillator. This pin
is also the input for an externally generated clock (fclk = 27.12 MHz).
OSCOUT
16
O
AVDD
crystal oscillator output: output of the inverting amplifier of the oscillator.
I0
17
I
DVDD
interface mode lines: selects the used host interface; in test mode I0 is used
as test signals.
I1
18
I
DVDD
TESTEN
19
I
DVDD
test enable pin:
when set to 1 enable the test mode.
when set to 0 reset the TCB and disable the access to the test mode.
P35
20
I/O
DVDD
general purpose I/O signal
P70_IRQ
21
I/O
PVDD
interrupt request: output to signal an interrupt event to the host (Port 7 bit 0)
RSTOUT_N
22
O
PVDD
output reset signal; when LOW it indicates that the circuit is in reset state.
DVSS
23
G
digital ground
DM
24
I/O
PVDD
USB D
 data line in USB mode or TX in HSU mode; in test mode this signal
is used as input and output test signal
DP
25
I/O
PVDD
USB D+ data line in USB mode or RX in HSU mode; in test mode this signal
is used as input and output test signal.
PVDD
26
P
I/O pad power supply
DELATT
27
O
PVDD
optional output for an external 1.5 k
 resistor connection on D+.
P30
28
I/O
PVDD
general purpose I/O signal. Can be configured to act either as RX line of the
second serial interface UART or general purpose I/O.
In test mode this signal is used as input and output test signal.
P31
29
I/O
PVDD
general purpose I/O signal. Can be configured to act either as TX line of the
second serial interface UART or general purpose I/O.
In test mode this signal is used as input and output test signal.
P32_INT0
30
I/O
PVDD
general purpose I/O signal. Can also be used as an interrupt source
In test mode this signal is used as input and output test signal.
P33_INT1
31
I/O
PVDD
general purpose I/O signal. Can be used to generate an HZ state on the out-
put of the selected interface for the Host communication and to enter into
power-down mode without resetting the internal state of PR533.
In test mode this signal is used as input and output test signal.
P50_SCL
32
I/O
DVDD
I2C-bus clock line - open-drain in output mode
SDA
33
I/O
DVDD
I2C-bus data line - open-drain in output mode
P34
34
I/O
SVDD
general purpose I/O signal or clock signal for the SAM
SIGOUT
35
O
SVDD
contactless communication interface output: delivers a serial data stream
according to NFCIP-1 and output signal for the SAM.
In test mode this signal is used as test signal output.
SIGIN
36
I
SVDD
contactless communication interface input: accepts a digital, serial data
stream according to NFCIP-1 and input signal from the SAM.
In test mode this signal is used as test signal input.
SVDD
37
P
output power for SAM power supply. Switched on by Firmware with an over-
load detection. Used as a reference voltage for SAM communication.
Table 3.
PR533 pin description …continued
Symbol
Pin
Type Pad ref
voltage
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com