Electronic Components Datasheet Search
  English  ▼

X  

PR533 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PR533
Description  USB NFC integrated reader solution
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PR533 Datasheet(HTML) 5 Page - NXP Semiconductors

  PR533 Datasheet HTML 1Page - NXP Semiconductors PR533 Datasheet HTML 2Page - NXP Semiconductors PR533 Datasheet HTML 3Page - NXP Semiconductors PR533 Datasheet HTML 4Page - NXP Semiconductors PR533 Datasheet HTML 5Page - NXP Semiconductors PR533 Datasheet HTML 6Page - NXP Semiconductors PR533 Datasheet HTML 7Page - NXP Semiconductors PR533 Datasheet HTML 8Page - NXP Semiconductors PR533 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
PR533_SDS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.6 — 27 October 2014
206436
5 of 36
NXP Semiconductors
PR533
USB NFC integrated reader solution
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pin configuration for HVQFN 40 (SOT618-1)
aaa-000044
PR533
P70_IRQ
VMID
RX
RSTOUT_N
AVDD
DVSS
TVSS2
DM
TX2
DP
TVDD
PVDD
TX1
DELATT
TVSS1
P30
LOADMOD
P31
DVSS
P32_INT0
10
21
9
22
8
23
7
24
6
25
5
26
4
27
3
28
2
29
1
30
terminal 1
index area
Transparent top view
Table 3.
PR533 pin description
Symbol
Pin
Type Pad ref
voltage
Description
DVSS
1
G
digital ground
LOADMOD
2
O
DVDD
load modulation output provides digital signal for FeliCa and MIFARE card
operating mode
TVSS1
3
G
transmitter ground: supplies the output stage of TX1
TX1
4
O
TVDD
transmitter 1: transmits modulated 13.56 MHz energy carrier
TVDD
5
P
transmitter power supply: supplies the output stage of TX1 and TX2
TX2
6
O
TVDD
transmitter 2: delivers the modulated 13.56 MHz energy carrier
TVSS2
7
G
transmitter ground: supplies the output stage of TX2
AVDD
8
P
analog power supply
VMID
9
P
AVDD
internal reference voltage: This pin delivers the internal reference voltage.
RX
10
I
AVDD
receiver input: Input pin for the reception signal, which is the load modulated
13.56 MHz energy carrier from the antenna circuit
AVSS
11
G
analog ground
AUX1
12
O
DVDD
auxiliary output 1: This pin delivers analog and digital test signals
AUX2
13
O
DVDD
auxiliary output 2: This pin delivers analog and digital test signals
DVSS
14
G
digital ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com