Electronic Components Datasheet Search
  English  ▼

X  

SA614AD Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SA614AD
Description  Low power FM IF system
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA614AD Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SA614AD Datasheet HTML 17Page - NXP Semiconductors SA614AD Datasheet HTML 18Page - NXP Semiconductors SA614AD Datasheet HTML 19Page - NXP Semiconductors SA614AD Datasheet HTML 20Page - NXP Semiconductors SA614AD Datasheet HTML 21Page - NXP Semiconductors SA614AD Datasheet HTML 22Page - NXP Semiconductors SA614AD Datasheet HTML 23Page - NXP Semiconductors SA614AD Datasheet HTML 24Page - NXP Semiconductors SA614AD Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
SA614A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 4 — 14 February 2014
21 of 28
NXP Semiconductors
SA614A
Low power FM IF system
Fig 19. Package outline SOT1039-2 (HXQFN16)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1039-2
- - -
- - -
sot1039-2_po
10-07-29
11-03-30
Unit
mm
max
nom
min
0.5
0.05
0.00
0.127
3.1
3.0
2.9
1.95
1.85
1.75
3.1
3.0
2.9
0.5
1.5
0.40
0.35
0.30
0.1
A
Dimensions
HXQFN16: plastic thermal enhanced extremely thin quad flat package; no leads;
16 terminals; body 3 x 3 x 0.5 mm
SOT1039-2
A1
b
0.35
0.30
0.25
cD
Dh
EEh
1.95
1.85
1.75
ee1
e2
1.5
Lv
0.1
w
0.05
y
0.05
y1
0
1
2 mm
scale
terminal 1
index area
B
A
D
E
C
y
C
y1
X
detail X
A
c
A1
b
e2
e1
e
e
1/2 e
1/2 e
A
C
B
v
C
w
terminal 1
index area
Dh
Eh
L
5
8
16
13
4
1
9
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com