Electronic Components Datasheet Search
  English  ▼

X  

SA614AD Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SA614AD
Description  Low power FM IF system
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA614AD Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SA614AD Datasheet HTML 9Page - NXP Semiconductors SA614AD Datasheet HTML 10Page - NXP Semiconductors SA614AD Datasheet HTML 11Page - NXP Semiconductors SA614AD Datasheet HTML 12Page - NXP Semiconductors SA614AD Datasheet HTML 13Page - NXP Semiconductors SA614AD Datasheet HTML 14Page - NXP Semiconductors SA614AD Datasheet HTML 15Page - NXP Semiconductors SA614AD Datasheet HTML 16Page - NXP Semiconductors SA614AD Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
SA614A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 4 — 14 February 2014
13 of 28
NXP Semiconductors
SA614A
Low power FM IF system
2. The demodulated output demonstrates a threshold. Above a certain input level, the
limited signal begins to dominate the regeneration, and the demodulator begins to
operate in a normal manner.
There are three primary ways to deal with regeneration:
1. Minimize the feedback by gain stage isolation.
2. Lower the stage input impedances, thus increasing the feedback attenuation factor.
3. Reduce the gain. Gain reduction can effectively be accomplished by adding
attenuation between stages which can also lower the input impedance. Examples of
impedance/gain adjustment are shown in Figure 11. Reduced gain results in reduced
limiting sensitivity.
A feature of the SA614A IF amplifiers, which is not specified, is low phase shift. The
SA614A is fabricated with a 10 GHz process with very small collector capacitance. It is
advantageous in some applications that the phase shift changes only a few degrees over
a wide range of signal input amplitudes.
13.3 Stability considerations
The high gain and bandwidth of the SA614A in combination with its very low currents
permit circuit implementation with superior performance. However, stability must be
maintained and, to do that, every possible feedback mechanism must be addressed.
These mechanisms are:
1. supply lines and ground
2. stray layout inductances and capacitances,
3. radiated fields, and
4. phase shift
As the system IF increases, so must the attention to fields and strays. However, ground
and supply loops cannot be overlooked, especially at lower frequencies. Even at 455 kHz,
if the supply line is not decoupled, using the test layout in Figure 17, instability occurs. To
decouple, use two high-quality RF capacitors, a 0.1
F monolithic on the VCC pin, and a
6.8
F tantalum on the supply line. An electrolytic is not an adequate substitute. At
10.7 MHz, a 1
F tantalum has proven acceptable with this layout. Every layout must be
evaluated on its own merit, but do not underestimate the importance of good supply
bypass.
At 455 kHz, if the layout of Figure 17 or one substantially similar is used, ceramic filters
can be connected directly to the input and between limiter stages with no special
consideration. At frequencies above 2 MHz, some input impedance reduction is usually
necessary. Figure 11 demonstrates a practical means.
As illustrated in Figure 12, 430
 external resistors are applied in parallel to the internal
1.6 k
 load resistors, thus presenting approximately 330  to the filters. The input filter is
a crystal type for narrowband selectivity. The filter is terminated with a tank which
transforms to 330 W. The interstage filter is a ceramic type which does not contribute to
system selectivity, but does suppress wideband noise and stray signal pickup. In
wideband 10.7 MHz IFs the input filter can also be ceramic, directly connected to pin
IF_AMP_INPUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com