Electronic Components Datasheet Search
  English  ▼

X  

SA614AD Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SA614AD
Description  Low power FM IF system
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA614AD Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SA614AD Datasheet HTML 6Page - NXP Semiconductors SA614AD Datasheet HTML 7Page - NXP Semiconductors SA614AD Datasheet HTML 8Page - NXP Semiconductors SA614AD Datasheet HTML 9Page - NXP Semiconductors SA614AD Datasheet HTML 10Page - NXP Semiconductors SA614AD Datasheet HTML 11Page - NXP Semiconductors SA614AD Datasheet HTML 12Page - NXP Semiconductors SA614AD Datasheet HTML 13Page - NXP Semiconductors SA614AD Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
SA614A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 4 — 14 February 2014
10 of 28
NXP Semiconductors
SA614A
Low power FM IF system
Audio out:
• C message weighted
• 0 dB reference = recovered audio for 8 kHz peak deviation (dB)
13.1 Circuit description
The SA614A is a very high gain, high frequency device. Correct operation is not possible
if good RF layout and gain stage practices are not used. The SA614A cannot be
evaluated independent of circuit, components, and board layout. A physical layout which
correlates to the electrical limits is shown in Figure 17. This configuration can be used as
the basis for production layout.
The SA614A is an IF signal processing system suitable for IF frequencies as high as
21.4 MHz. The device consists of two limiting amplifiers, quadrature detector, direct audio
output, muted audio output, and signal strength indicator (with log output characteristic).
The equivalent circuit is shown in Figure 4.
Figure 7 is the performance of the typical cellular radio application shown in Figure 6 with
45 MHz RF input and 455 kHz IF.
Fig 7.
Performance of the typical cellular radio application
AUDIO
RSSI (VOLTS)
THD + NOISE
NOISE
AM (80 % MOD)
aaa-009988
10
-120
-80
1
2
3
4
-60
-40
-20
(dB)
NOISE
AM (80 % MOD)
THD + NOISE
RSSI
(V)
-100
-80
-60
-40
-20
100
1 k
SA614A IF INPUT (μV) (1500 Ω)
SA602A RF INPUT (dBm) (50 Ω)
100 k
10 k
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com