Electronic Components Datasheet Search
  English  ▼

X  

SA614AD Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA614AD
Description  Low power FM IF system
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA614AD Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA614AD Datasheet HTML 3Page - NXP Semiconductors SA614AD Datasheet HTML 4Page - NXP Semiconductors SA614AD Datasheet HTML 5Page - NXP Semiconductors SA614AD Datasheet HTML 6Page - NXP Semiconductors SA614AD Datasheet HTML 7Page - NXP Semiconductors SA614AD Datasheet HTML 8Page - NXP Semiconductors SA614AD Datasheet HTML 9Page - NXP Semiconductors SA614AD Datasheet HTML 10Page - NXP Semiconductors SA614AD Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
SA614A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 4 — 14 February 2014
7 of 28
NXP Semiconductors
SA614A
Low power FM IF system
11. Dynamic characteristics
[1]
SA614A data sheets refer to power at 50
 input termination; about 21 dB less power actually enters the internal 1.5 k input.
SA614A (50
) - SA614A (1.5 k)/SA615 (1.5 k)
97 dBm - 118 dBm
47 dBm - 68 dBm
+3 dBm -
18 dBm
The SA615 and SA614A are both derived from the same basic die. The SA615 performance plots are directly applicable to the SA614A.
Table 6.
Dynamic characteristics
Tamb =25 C; VCC = 6 V; unless specified otherwise. IF frequency = 455 kHz; IF level = 47 dBm; FM modulation = 1 kHz
with
8 kHz peak deviation. Audio output with de-emphasis filter and C-message weighted filter. Test circuit Figure 14. The
parameters listed below are tested using automatic test equipment to assure consistent electrical characteristics. The limits
do not represent the ultimate performance limits of the device. Use of an optimized RF layout will improves many of the listed
parameters.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
input limiting
3 dB
test at pin IF_AMP_INPUT: per 50
-
92
-
dBm
AM rejection
80 % AM 1 kHz
25
33
-
dB
recovered audio level
15 nF de-emphasis
60
175
260
mVRMS
150 pF de-emphasis
-
530
-
mVRMS
THD
total harmonic distortion
30
42
-
dB
S/N
signal-to-noise ratio
no modulation for noise
-
68
-
dB
RSSI output
RF level =
118 dBm
[1] 0160
800
mV
RF level =
68 dBm
[1] 1.7
2.50
3.3
V
RF level =
18 dBm
[1] 3.6
4.80
5.8
V
RSSI range
R4 = 100 k (pin RSSI_OUTPUT)
-
80
-
dB
RSSI accuracy
R4 = 100 k (pin RSSI_OUTPUT)
-
2.0
-
dB
Zi
input impedance
IF
1.4
1.6
-
k
Zo
output impedance
IF
0.85
1.0
-
k
Z
limiter input impedance
1.4
1.6
-
k
Ro
output resistance
unmuted audio
-
58
-
k
muted audio
58
-
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com