Electronic Components Datasheet Search
  English  ▼

X  

SA614AD Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SA614AD
Description  Low power FM IF system
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA614AD Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SA614AD Datasheet HTML 8Page - NXP Semiconductors SA614AD Datasheet HTML 9Page - NXP Semiconductors SA614AD Datasheet HTML 10Page - NXP Semiconductors SA614AD Datasheet HTML 11Page - NXP Semiconductors SA614AD Datasheet HTML 12Page - NXP Semiconductors SA614AD Datasheet HTML 13Page - NXP Semiconductors SA614AD Datasheet HTML 14Page - NXP Semiconductors SA614AD Datasheet HTML 15Page - NXP Semiconductors SA614AD Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
SA614A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 4 — 14 February 2014
12 of 28
NXP Semiconductors
SA614A
Low power FM IF system
Because of the very high gain, bandwidth and input impedance of the limiters, there is a
very real potential for instability at IF frequencies above 455 kHz. The basic phenomenon
is shown in Figure 10. Distributed feedback (capacitance, inductance and radiated fields)
forms a divider from the output of the limiters back to the inputs (including RF input). If this
feedback divider does not cause attenuation greater than the gain of the forward path,
then oscillation or low-level regeneration is likely. If regeneration occurs, two symptoms
may be present:
1. The RSSI output is high with no signal input (should nominally be 250 mV or lower)
a. Terminating HIGH impedance filters with transformation to LOW impedance
b. LOW impedance termination and gain reduction
Fig 11. Practical termination
Fig 12. Crystal input filter with ceramic interstage filter
aaa-009764
BPF
high impedance
high impedance
low impedance
BPF
aaa-009765
BPF
resistive loss into BPF
A
BPF
aaa-009766
12
3
SA614A
430 Ω
430 Ω
45678
16
15
14
13
12
11
10
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com